Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5V925BQI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 5V925BQI
Description  Programmable LVCMOS/LVTTL Clock Generator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5V925BQI Datasheet(HTML) 2 Page - Integrated Device Technology

  5V925BQI Datasheet HTML 1Page - Integrated Device Technology 5V925BQI Datasheet HTML 2Page - Integrated Device Technology 5V925BQI Datasheet HTML 3Page - Integrated Device Technology 5V925BQI Datasheet HTML 4Page - Integrated Device Technology 5V925BQI Datasheet HTML 5Page - Integrated Device Technology 5V925BQI Datasheet HTML 6Page - Integrated Device Technology 5V925BQI Datasheet HTML 7Page - Integrated Device Technology 5V925BQI Datasheet HTML 8Page - Integrated Device Technology 5V925BQI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
IDT5V925BQGI REVISION B JANUARY 21, 2011
2
©2011 Integrated Device Technology, Inc.
IDT5V925BI Data Sheet
PROGRAMMABLE LVCMOS/LVTTL CLOCK GENERATOR
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
NOTE 1: For best accuracy, use parallel resonant crystal specified for a load capacitance of 18pF.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 2
S1, S0
Input
Pullup/
Pulldown
Three level divider/mode select pins. Float to MID.
3
GNDQ
Power
Ground supply for PLL.
4VDDQ
Power
Power supply for PLL.
5X1(1)
Input
Crystal oscillator input. Connected to GND if oscillator not required.
6X2(1)
Output
Crystal oscillator output. Leave unconnected for clock input.
7
CLKIN
Input
Clock input.
8
FB
Input
PLL feedback input which should be connected to Q/N output pin only. PLL locks
onto positive edge of FB signal.
9OE
Input
High-Impedance output enable. When asserted HIGH, clock outputs are high
impedance.
10, 15
GND
Power
Ground supply for output buffers.
11
Q/N
Output
Programmable divide-by-N clock output.
12, 13, 14
Q0, Q1, Q2
Output
Output at N*CLKIN frequency.
16
VDD
Power
Power supply for output buffers.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
CLKIN, FB, OE
4pF
CPD
Power Dissipation Capacitance
(per output)
VDD = 3.6V
15
pF
RPULLUP
Input Pullup Resistor
47
k
RPULLDOWN
Input Pulldown Resistor
47
k
ROUT
Output Impedance
VDD = 3.3V±0.3V
16


Similar Part No. - 5V925BQI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5V9885TNLGI IDT-5V9885TNLGI Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
5V9885TNLGI8 IDT-5V9885TNLGI8 Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
5V9885TPFGI IDT-5V9885TPFGI Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
5V9885TPFGI8 IDT-5V9885TPFGI8 Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results

Similar Description - 5V925BQI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT5V925BI RENESAS-IDT5V925BI Datasheet
414Kb / 19P
   Programmable LVCMOS/LVTTL Clock Generator
March 10, 2016
ICS87949I-01 RENESAS-ICS87949I-01 Datasheet
244Kb / 15P
   LVCMOS / LVTTL CLOCK GENERATOR
MAY 1, 2013
logo
Integrated Device Techn...
840001I-25 IDT-840001I-25 Datasheet
274Kb / 13P
   FemtoClock LVCMOS/LVTTL Clock Generator
ICS840001I-25 IDT-ICS840001I-25 Datasheet
451Kb / 12P
   FEMTOCLOCK LVCMOS LVTTL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS87946-01 ICST-ICS87946-01 Datasheet
159Kb / 13P
   LVPECL-TO-LVCMOS/LVTTL CLOCK GENERATOR
logo
Integrated Device Techn...
87021I IDT-87021I Datasheet
233Kb / 14P
   Differential-to-LVCMOS/LVTTL Clock Generator
logo
Renesas Technology Corp
840001I-25 RENESAS-840001I-25 Datasheet
462Kb / 14P
   FemtoClock® LVCMOS/LVTTL Clock Generator
January 15, 2016
logo
Integrated Device Techn...
87016 IDT-87016 Datasheet
271Kb / 17P
   Low Skew LVCMOS/LVTTL Clock Generator
logo
Integrated Circuit Syst...
ICS840021 ICST-ICS840021 Datasheet
202Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/ LVTTL CLOCK GENERATOR
ICS840001 ICST-ICS840001 Datasheet
194Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com