Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT23S09T Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT23S09T
Description  2.5V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT23S09T Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT23S09T Datasheet HTML 1Page - Integrated Device Technology IDT23S09T Datasheet HTML 2Page - Integrated Device Technology IDT23S09T Datasheet HTML 3Page - Integrated Device Technology IDT23S09T Datasheet HTML 4Page - Integrated Device Technology IDT23S09T Datasheet HTML 5Page - Integrated Device Technology IDT23S09T Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
COMMERCIALTEMPERATURERANGE
IDT23S09T
2.5VZERODELAYCLOCKBUFFER,SPREADSPECTRUMCOMPATIBLE
VDD
OUTPUTS
CLKOUT
CLOAD
VDD
GND
GND
0.1 F
0.1 F
Test Circuit for All Parameters
TEST CIRCUIT
Output
t5
Output
REF
VDD/2
t6
Output
CLKOUT
Device 1
t7
CLKOUT
Device 2
VDD/2
VDD/2
VDD/2
VDD/2
VDD/2
VDD/2
t2
t1
1.7V
0.7V
t3
t4
0.7V
2.5V
0V
1.7V
Output
VDD/2
VDD/2
All Outputs Rise/Fall Time
Input to Output Propagation Delay
Device to Device Skew
Output to Output Skew
Duty Cycle Timing
SWITCHING WAVEFORMS


Similar Part No. - IDT23S09T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT23S09T RENESAS-IDT23S09T Datasheet
217Kb / 7P
   2.5V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
More results

Similar Description - IDT23S09T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT23S05T IDT-IDT23S05T Datasheet
59Kb / 6P
   2.5V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05T RENESAS-IDT23S05T Datasheet
250Kb / 8P
   2.5V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
APRIL 2012
IDT23S09T RENESAS-IDT23S09T Datasheet
217Kb / 7P
   2.5V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
logo
Integrated Device Techn...
IDT23S08T IDT-IDT23S08T Datasheet
51Kb / 6P
   2.5V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S08T RENESAS-IDT23S08T Datasheet
221Kb / 7P
   2.5V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MARCH 2006
logo
Integrated Device Techn...
IDT23S05E IDT-IDT23S05E_09 Datasheet
69Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S05 IDT-IDT23S05 Datasheet
62Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05 RENESAS-IDT23S05 Datasheet
323Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
AUGUST 2010
IDT23S09 RENESAS-IDT23S09 Datasheet
224Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
FEBRUARY 2013
logo
Integrated Device Techn...
IDT23S05 IDT-IDT23S05_10 Datasheet
166Kb / 9P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com