Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF1540 Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # MBRF1540
Description  Schottky Barrier Rectifier Reverse Voltage 40 to 100 V Forward Current 15 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

MBRF1540 Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  MBRF1540 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd MBRF1540 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
60
40
45
50
40
45
50
60
28
31.5
35
42
3.0
150
15
500
SIYU R
V
mA
pF
IR
Cj
最大正向电压
最大反向电流
TA= 25℃
典型结电容
VR = 4.0V, f = 1MHz
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
单位
Unit
符号
Symbols
TA=100℃
Maximum forward voltage
Maximum reverse current
Type junction capacitance
VF
-55--- +150
V
V
V
A
A
W
VRRM
VRMS
VDC
IF(AV)
IFSM
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
符号
Symbols
单位
Unit
Operating junction and storage temperature range
Tj, TSTG
RθJC
MBRF1540 ...... MBRF15100
肖特基二极管
反向电压
40---100V
正向电流
15 A
Schottky Barrier Rectifier
Reverse Voltage 40 to 100 V
Forward Current 15 A
MBRF
1540
MBRF
1545
MBRF
1550
MBRF
1560
IF = 15A
0.63
0.85
大昌电子
DACHANG ELECTRONICS
MBRF
15100
100
100
70
特征
Features
机械数据 Mechanical Data
·封装: 塑料封装 Case: Molded Plastic
·极性: 标记模压或印于本体 Polarity: Symbols molded or marked on body
·安装位置: 任意 Mounting Position: Any
· 低功耗高效率。
Low Power Loss,High Efficiency
·正向压降低。
Low Forward Voltage Drop
·大电流承受能力。
High Current Capability
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
0.80
0.2
15
·安装扭距: 推荐值 0.3牛*米 Mounting torque:Recommend 0.3 N*m
12
.420(10.67)
.380(9.65)
.270(6.86)
.230(5.84)
.028(0.7)
.019(0.5)
Φ.138(3.5)
Φ.118(3.0)
.109(2.79)
.090(2.29)
.109(2.79)
.090(2.29)
.500(12.70)
MIN
.115(2.92)
.080(2.03)
.625(15.88)
.560(14.22)
.118(3.0)
.102(2.6)
.189(4.8)
.138(3.5)
Unit:inch(mm)
ITO-220AC
1
2
.025(0.64)
MAX
.138(3.5)
MAX
MBRF
1540
MBRF
1545
MBRF
1550
MBRF
1560
MBRF
15100


Similar Part No. - MBRF1540

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
MBRF1540 DACHANG-MBRF1540 Datasheet
149Kb / 2P
   Schottky Barrier Rectifier
logo
Galaxy Semi-Conductor H...
MBRF1540CT BILIN-MBRF1540CT Datasheet
336Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
MBRF1540CT LUGUANG-MBRF1540CT Datasheet
264Kb / 2P
   Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
MBRF1540CT CHENDA-MBRF1540CT Datasheet
639Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Diode Semiconductor Kor...
MBRF1540CT DSK-MBRF1540CT Datasheet
364Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBRF1540

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
MBRF1040 DACHANG-MBRF1040 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
MBR1040 DACHANG-MBR1040 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
MBR840 DACHANG-MBR840 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
MBRF840 DACHANG-MBRF840 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
MBR1640CT DACHANG-MBR1640CT Datasheet
134Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A
MBR2040CT DACHANG-MBR2040CT Datasheet
134Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A
MBRF1640CT DACHANG-MBRF1640CT Datasheet
124Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A
MBR1040CT DACHANG-MBR1040CT Datasheet
134Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
MBRF2040CT DACHANG-MBRF2040CT Datasheet
135Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A
MBRF1040CT DACHANG-MBRF1040CT Datasheet
124Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com