Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF1050CT Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # MBRF1050CT
Description  Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

MBRF1050CT Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  MBRF1050CT Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd MBRF1050CT Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
肖特基二极管
正向电流
10 A
MBRF
10150CT
150
150
105
3.5
125
10
0.80
0.5
310
SIYU R
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
Operating junction and storage temperature range
-55 --- +150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
Tj, TSTG
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
单位
Unit
Schottky Barrier Rectifier
Reverse Voltage 40 to 200 V
Forward Current 10A
最大正向电压
最大反向电流
TJ= 25℃
V
mA
pF
IR
Maximum forward voltage
Maximum reverse current
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
单位
Unit
VF
IF =5A
大昌电子
DACHANG ELECTRONICS
RθJC
特征
Features
机械数据 Mechanical Data
·封装: 塑料封装 Case: Molded Plastic
·极性: 标记模压或印于本体 Polarity: Symbols molded or marked on body
·安装位置: 任意 Mounting Position: Any
·低功耗高效率。
Low Power Loss,High Efficiency
·正向压降低。
Low Forward Voltage Drop
·大电流承受能力。
High Current Capability
典型结电容
VR = 4.0V, f = 1MHz
Type junction capacitance
Cj
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
10
TJ= 100℃
Unit:mm
ITO-220AB
·安装扭距: 推荐值 0.3牛*米 Mounting torque:Recommend 0.3 N*m
MBRF
10100CT
100
100
70
MBRF
1060CT
60
60
42
MBRF
1050CT
50
50
35
MBRF
1045CT
45
45
31
MBRF
1040CT
40
40
28
0.70
0.85
MBRF1040CT ...... MBRF10200CT
反向电压
40---200V
MBRF
10200CT
200
200
140
MBRF
10150CT
MBRF
10100CT
MBRF
1060CT
MBRF
1050CT
MBRF
1045CT
MBRF
1040CT
MBRF
10200CT
0.95
0.99
0.5
5
400


Similar Part No. - MBRF1050CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRF1050CT MCC-MBRF1050CT Datasheet
390Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBRF1050CT KERSEMI-MBRF1050CT Datasheet
894Kb / 2P
   Plastic material used carries Underwriters Laboratory Classifications 94V-0
logo
List of Unclassifed Man...
MBRF1050CT ETC1-MBRF1050CT Datasheet
59Kb / 2P
   Dual Schottky Rectifiers
logo
Kersemi Electronic Co.,...
MBRF1050CT KERSEMI-MBRF1050CT Datasheet
993Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Taiwan Semiconductor Co...
MBRF1050CT TSC-MBRF1050CT Datasheet
164Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF1050CT

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
MBR1040CT DACHANG-MBR1040CT Datasheet
134Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
MBR1640CT DACHANG-MBR1640CT Datasheet
134Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A
MBR2040CT DACHANG-MBR2040CT Datasheet
134Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A
MBRF1640CT DACHANG-MBRF1640CT Datasheet
124Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A
MBRF2040CT DACHANG-MBRF2040CT Datasheet
135Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A
MBRF1040 DACHANG-MBRF1040 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
MBR1040 DACHANG-MBR1040 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
MBR840 DACHANG-MBR840 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
MBRF840 DACHANG-MBRF840 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
logo
First Silicon Co., Ltd
MBR10200CT FS-MBR10200CT Datasheet
227Kb / 3P
   Dual Schottky Barrier Rectifier Reverse Voltage 200 Volts , Forward Current 10A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com