Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS83058AGIT Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS83058AGIT
Description  8:1, SINGLE-ENDED MULTIPLEXER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83058AGIT Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS83058AGIT Datasheet HTML 1Page - Integrated Device Technology ICS83058AGIT Datasheet HTML 2Page - Integrated Device Technology ICS83058AGIT Datasheet HTML 3Page - Integrated Device Technology ICS83058AGIT Datasheet HTML 4Page - Integrated Device Technology ICS83058AGIT Datasheet HTML 5Page - Integrated Device Technology ICS83058AGIT Datasheet HTML 6Page - Integrated Device Technology ICS83058AGIT Datasheet HTML 7Page - Integrated Device Technology ICS83058AGIT Datasheet HTML 8Page - Integrated Device Technology ICS83058AGIT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IDT/ ICS8:1, SINGLE-ENDED MULTIPLEXER
3
ICS83058AGI REV. C MARCH 10, 2008
ICS83058I
8:1, SINGLE-ENDED MULTIPLEXER
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD + 0.5 V
Outputs, V
O
-0.5V to V
DDO + 0.5V
Package Thermal Impedance,
θ
JA
89°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause per manent damage to the
device. These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions be-
yond those listed in the
DC Characteristics or AC Characteristics
is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
DD = VDDO = 3.3V±5%, T
A
= -40°C TO 85°C
TABLE 4D. POWER SUPPLY DC CHARACTERISTICS, V
DD = VDDO = 2.5V±5%, T
A
= -40°C TO 85°C
TABLE 4B. POWER SUPPLY DC CHARACTERISTICS, V
DD = 3.3V±5%, VDDO = 2.5V±5%, T
A
= -40°C TO 85°C
TABLE 4C. POWER SUPPLY DC CHARACTERISTICS, V
DD = 3.3V±5%, VDDO = 1.8V±0.2V, T
A
= -40°C TO 85°C
TABLE 4E. POWER SUPPLY DC CHARACTERISTICS, V
DD = 2.5V±5%, VDDO = 1.8V±0.2V, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
r
e
w
o
P
5
3
1
.
33
.
35
6
4
.
3V
V
O
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
5
3
1
.
33
.
35
6
4
.
3V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
0
4A
m
I
O
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
O
5A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
r
e
w
o
P
5
3
1
.
33
.
35
6
4
.
3V
V
O
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
5
7
3
.
25
.
25
2
6
.
2V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
0
4A
m
I
O
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
O
5A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
r
e
w
o
P
5
3
1
.
33
.
35
6
4
.
3V
V
O
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
1
7
.
18
.
19
8
.
1V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
0
4A
m
I
O
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
O
5A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
r
e
w
o
P
5
7
3
.
25
.
25
2
6
.
2V
V
O
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
5
7
3
.
25
.
25
2
6
.
2V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
5
3A
m
I
O
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
O
5A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
r
e
w
o
P
5
7
3
.
25
.
25
2
6
.
2V
V
O
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
1
7
.
18
.
19
8
.
1V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
5
3A
m
I
O
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
O
5A
m


Similar Part No. - ICS83058AGIT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83058AGIT ICST-ICS83058AGIT Datasheet
153Kb / 12P
   8:1, SINGLE-ENDED MULTIPLEXER
More results

Similar Description - ICS83058AGIT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
83058I RENESAS-83058I Datasheet
363Kb / 15P
   8:1, Single-Ended Multiplexer
December 15, 2015
logo
Integrated Device Techn...
8308I IDT-8308I Datasheet
169Kb / 14P
   8:1, Single-Ended Multiplexer
logo
Integrated Circuit Syst...
ICS83058I ICST-ICS83058I Datasheet
153Kb / 12P
   8:1, SINGLE-ENDED MULTIPLEXER
logo
Integrated Device Techn...
83058 IDT-83058_15 Datasheet
169Kb / 14P
   8:1, Single-Ended Multiplexer
logo
Integrated Circuit Syst...
ICS83056I ICST-ICS83056I Datasheet
157Kb / 13P
   6:1, SINGLE-ENDED MULTIPLEXER
ICS83052I ICST-ICS83052I Datasheet
176Kb / 12P
   2:1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
8CA3052I RENESAS-8CA3052I Datasheet
399Kb / 18P
   2:1 Single-Ended Multiplexer
January 27, 2016
83054 RENESAS-83054 Datasheet
348Kb / 15P
   4:1, Single-Ended Multiplexer
December 15, 2015
logo
Integrated Device Techn...
83052AGILFT IDT-83052AGILFT Datasheet
195Kb / 17P
   2 1 single-ended multiplexer
83054AGILF IDT-83054AGILF Datasheet
271Kb / 14P
   4:1, SINGLE-ENDED MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com