Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1Z4711 Datasheet(PDF) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # MM1Z4711
Description  SILICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

MM1Z4711 Datasheet(HTML) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  MM1Z4711 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. MM1Z4711 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. MM1Z4711 Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd. MM1Z4711 Datasheet HTML 4Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type
Marking Code
Zener Voltage
1)
Reverse Leakage Current
VZT (V)
at lZT
IR
at VR
Nom.
Min.
Max.
µA
Max. (µA)
V
MM1Z4689
BX
5.1
4.85
5.36
50
10
3
MM1Z4690
BY
5.6
5.32
5.88
50
10
4
MM1Z4691
BZ
6.2
5.89
6.51
50
10
5
MM1Z4692
CA
6.8
6.46
7.14
50
10
5.1
MM1Z4693
CB
7.5
7.13
7.88
50
10
5.7
MM1Z4694
CC
8.2
7.79
8.61
50
1
6.2
MM1Z4696
CE
9.1
8.65
9.56
50
1
6.9
MM1Z4697
CF
10
9.5
10.5
50
1
7.6
MM1Z4698
CH
11
10.45
11.55
50
0.05
8.4
MM1Z4699
CJ
12
11.4
12.6
50
0.05
9.1
MM1Z4700
CK
13
12.35
13.65
50
0.05
9.8
MM1Z4702
CN
15
14.25
15.75
50
0.05
11.4
MM1Z4703
CP
16
15.2
16.8
50
0.05
12.1
MM1Z4705
CX
18
17.1
18.9
50
0.05
13.6
MM1Z4707
CZ
20
19
21
50
0.01
15.2
MM1Z4708
DA
22
20.9
23.1
50
0.01
16.7
MM1Z4709
DB
24
22.8
25.2
50
0.01
18.2
MM1Z4711
DD
27
25.65
28.35
50
0.01
20.4
MM1Z4713
DF
30
28.5
31.5
50
0.01
22.8
MM1Z4714
DH
33
31.35
34.65
50
0.01
25
MM1Z4715
DJ
36
34.2
37.8
50
0.01
27.3
MM1Z4716
DK
39
37.05
40.95
50
0.01
29.6
MM1Z4717
DM
43
40.85
45.15
50
0.01
32.6
1) Tested with pulses tp = 20 ms.
MM1Z4689~MM1Z4717
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - MM1Z4711

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM1Z4711 EIC-MM1Z4711 Datasheet
111Kb / 3P
   ZENER DIODES
logo
Diotec Semiconductor
MM1Z4711 DIOTEC-MM1Z4711 Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
MM1Z4711 YFWDIODE-MM1Z4711 Datasheet
893Kb / 3P
   Zener Diodes
More results

Similar Description - MM1Z4711

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com