Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF18 Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # SF18
Description  Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

SF18 Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  SF18 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd SF18 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIYU R
特性曲线 Characteristic Curves
SF11 ...... SF18
正向特性曲线(典型值)
正向电压
VF(V)
环境温度 Ta(
°C)
通过电流的周期
浪涌特性曲线(最大值)
TYPICAL FORWARD CHARACTERISTIC
FORWARD CURRENT DERATING CURVE
VF Instantaneous Forward Voltage (V)
Tamb, ambient temperature (°C)
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
正向电流降额曲线
0.6
0.8
1
1.2
1.4
1.6
0.01
0.1
0.2
1
2
10
Tj = 25 °C
SF11 thru SF14
SF18
SF15
SF16
10mm
10mm
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
25
50
75 100 125 150 175
10mm
10mm
1
2
4 6
10
20
40
100
40
30
20
10
0
50
大昌电子
DACHANG ELECTRONICS


Similar Part No. - SF18

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SF18 DYELEC-SF18 Datasheet
703Kb / 2P
   1.0 AMP. Super Fast Rectifiers
logo
Mospec Semiconductor
SF18 MOSPEC-SF18 Datasheet
141Kb / 2P
   POWER RECTIFIERS(1.0A,500-1000V)
logo
Nantong Hornby Electron...
SF18 HORNBY-SF18 Datasheet
245Kb / 3P
   SUPERFAST RECOVERY RECTIFIER
logo
Weitron Technology
SF18 WEITRON-SF18 Datasheet
503Kb / 3P
   Axial Lead Super Fast Rectifier
logo
Formosa MS
SF18 FORMOSA-SF18 Datasheet
164Kb / 6P
   1.0 Axial Leaded Super Fast Rectifiers-50-600V
More results

Similar Description - SF18

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
HER101G DACHANG-HER101G Datasheet
171Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
HER101 DACHANG-HER101 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SF61 DACHANG-SF61 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
MUR305 DACHANG-MUR305 Datasheet
172Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF31 DACHANG-SF31 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF21 DACHANG-SF21 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
SF51 DACHANG-SF51 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
MUR405 DACHANG-MUR405 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
logo
Leshan Radio Company
1H8 LRC-1H8 Datasheet
257Kb / 7P
   High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
1E5 LRC-1E5_15 Datasheet
219Kb / 7P
   Reverse Voltage 50 to 600V Forward Current 1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com