Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT2309B Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT2309B
Description  3.3V ZERO DELAY CLOCK BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT2309B Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT2309B Datasheet HTML 1Page - Integrated Device Technology IDT2309B Datasheet HTML 2Page - Integrated Device Technology IDT2309B Datasheet HTML 3Page - Integrated Device Technology IDT2309B Datasheet HTML 4Page - Integrated Device Technology IDT2309B Datasheet HTML 5Page - Integrated Device Technology IDT2309B Datasheet HTML 6Page - Integrated Device Technology IDT2309B Datasheet HTML 7Page - Integrated Device Technology IDT2309B Datasheet HTML 8Page - Integrated Device Technology IDT2309B Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2309B
3.3V ZERO DELAY CLOCK BUFFER
MAY 2010
2010
Integrated Device Technology, Inc.
DSC 6996/3
c
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• Phase-Lock Loop Clock Distribution
• 10MHz to 133MHz operating frequency
• Distributes one clock input to one bank of five and one bank of
four outputs
• Separate output enable for each output bank
• Output Skew < 250ps
• Low jitter <175 ps cycle-to-cycle
• 50ps typical cycle-to-cycle jitter (15pF, 66MHz)
• IDT2309B-1 for Standard Drive
• IDT2309B-1H for High Drive
• No external RC network required
• Operates at 3.3V VDD
• Available in SOIC and TSSOP packages
FUNCTIONAL BLOCK DIAGRAM
IDT2309B
3.3V ZERO DELAY
CLOCK BUFFER
DESCRIPTION:
The IDT2309B is a high-speed phase-lock loop (PLL) clock buffer,
designed to address high-speed clock distribution applications. The zero
delay is achieved by aligning the phase between the incoming clock and
the output clock, operable within the range of 10 to 133MHz.
The IDT2309B is a 16-pin version of the IDT2305B. The IDT2309B
accepts one reference input, and drives two banks of four low skew clocks.
The -1H version of this device operates at up to 133MHz frequency and
has higher drive than the -1 device. All parts have on-chip PLLs which lock
to an input clock on the REF pin. The PLL feedback is on-chip and is
obtained from the CLKOUT pad. In the absence of an input clock, the
IDT2309B enters power down, and the outputs are tri-stated. In this mode,
the device will draw less than 25µA.
The IDT2309B is characterized for both Industrial and Commercial
operation.
PLL
S1
CLKA1
CLKA2
CLKA3
CLKA4
CLKB1
CLKB2
CLKB3
CLKB4
Control
Logic
1
REF
S2
16
CLKOUT
8
9
2
3
14
15
6
7
10
11


Similar Part No. - IDT2309B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT2309B RENESAS-IDT2309B Datasheet
299Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
IDT2309B-1DCG RENESAS-IDT2309B-1DCG Datasheet
299Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
IDT2309B-1DCGI RENESAS-IDT2309B-1DCGI Datasheet
299Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
IDT2309B-1HDCG RENESAS-IDT2309B-1HDCG Datasheet
299Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
IDT2309B-1HDCGI RENESAS-IDT2309B-1HDCGI Datasheet
299Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
More results

Similar Description - IDT2309B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305 Datasheet
132Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
2305B-1DCGI8 IDT-2305B-1DCGI8 Datasheet
155Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
2305-1HDCGI8 IDT-2305-1HDCGI8 Datasheet
145Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B_09 Datasheet
160Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305A IDT-IDT2305A Datasheet
53Kb / 7P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305_07 Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
logo
Renesas Technology Corp
IDT2305A RENESAS-IDT2305A Datasheet
271Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com