Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M675 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # M675
Description  VOLTAGE CONTROLLED SAW OSCILLATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

M675 Datasheet(HTML) 3 Page - Integrated Device Technology

  M675 Datasheet HTML 1Page - Integrated Device Technology M675 Datasheet HTML 2Page - Integrated Device Technology M675 Datasheet HTML 3Page - Integrated Device Technology M675 Datasheet HTML 4Page - Integrated Device Technology M675 Datasheet HTML 5Page - Integrated Device Technology M675 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
M675 Datasheet Rev 0.5
3 of 6
Revised 29Jul2009
Inte grated De vic e Te chn olog y, Inc.
● Com m u nica t ion M odu les ● www.id t.c om ● te l (508) 8 52-54 00
M675
VOLTAGE CONTROLLED SAW OSCILLATOR
Preliminar y In f o r m atio n
ELECTRICAL SPECIFICATIONS FOR M675-01
DC Characteristics for M675-01
Unless stated otherwise, V
CC = 3.3 Volts + 10%, TA = 0 to 85
oC, VCSO Freq.s = 155.52 MHz, Outputs terminated into 180
Ω to ground
Symbol Parameter
Pin
Min
Typ
Max
Unit
Power Supply V
CC
Positive Supply Voltage
VCC
2.97
3.3
3.63
V
I
CC
Power Supply Current
85
125
mA
Control
Voltage
V
IN
Input Control Voltage Range
VIN
0
3.3
V
V
IN Input Impedence
100
k
Clock Enable
Pull-up1
Note 1: Internally pulled up to Logic 1 (normal operation) if left unselected.
V
IH
Input High Voltage
CLK_EN
2
Vcc + 0.3 V
V
IL
Input Low Voltage
-0.3
0.8
V
I
IH
Input High Current
5
µA
I
IL
Input Low Current
-150
µA
Rpullup
Internal Pull-up Resistor
51
k
Differential
Outputs
V
OH
Output High Voltage
FOUT, nFOUT
Vcc - 0.98
Vcc - 0.75 V
V
OL
Output Low Voltage
Vcc - 1.95
Vcc - 1.63 V
V
P
-P
Peak to Peak Output Voltage2
Note 2: Single-ended measurement. See Figure 3, Output Rise and Fall Time, on pg. 5.
0.450
0.625
0.85
V
P
-P
I
OUT
Output Current
20
mA
Table 5: DC Characteristics for M675-01
AC Characteristics for M675-01
Unless stated otherwise, V
CC = 3.3 Volts + 10%, TA = 0 to 85
oC, VCSO Freq. = 155.52 MHz, Outputs terminated into 180
Ω to ground
Symbol Parameter
Min
Typ
Max
Unit Notes
Control Voltage V
IN
Modulation Bandwidth
VIN
500
kHz
Output
F
OUT
Output Center Frequency Range M675-01
125
175
MHz
APR
Absolute (Guaranteed) Pull-Range 1
Note 1: Also fully meets ±50 ppm minimum pull-range specification that is commonly required.
±100
ppm
f
STAB
Frequency Stability
100
ppm p-p At any givin VIN
L
IN
Tuning Linearity
6
%
VIN = 0.3 to 3.0V
Best fit straight line
K
VCO
VCO Gain
400
ppm/V VIN = 0.3 to 3.0V
Non-harmonic Spurious
-50
-77
dBc
Φ n
SSB (single sideband)
Phase Noise, offset
from carrier
100Hz Offset
-52
dBc/Hz
1kHz Offset
-80
dBc/Hz
10kHz Offset
-112
dBc/Hz
100kHz Offset
-136
dBc/Hz
1MHz Offset
-146
dBc/Hz
J(t)
Jitter (rms)
12kHz to 20MHz
0.36
ps rms
50kHz to 80MHz
0.50
ps rms
odc
Output Duty Cycle 2
Note 2: See Parameter Measurement Information on pg. 5.
45
55
%
t
R
Output Rise Time 2 for FOUT, nFOUT
275
425
ps
20
% to 80%
t
F
Output Fall Time 2 for FOUT, nFOUT
275
425
ps
20
% to 80%
Table 6: AC Characteristics for M675-01


Similar Part No. - M675

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M675 ICST-M675 Datasheet
257Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M675-01 ICST-M675-01 Datasheet
257Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M675-01-BA ICST-M675-01-BA Datasheet
257Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M675-01-BB ICST-M675-01-BB Datasheet
257Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M675-01-BD ICST-M675-01-BD Datasheet
257Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
More results

Similar Description - M675

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com