Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M685-01-BA-BH Datasheet(PDF) 7 Page - Integrated Device Technology

Part # M685-01-BA-BH
Description  DUAL SAW, SELECTABLE FREQUENCY VCSO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

M685-01-BA-BH Datasheet(HTML) 7 Page - Integrated Device Technology

  M685-01-BA-BH Datasheet HTML 1Page - Integrated Device Technology M685-01-BA-BH Datasheet HTML 2Page - Integrated Device Technology M685-01-BA-BH Datasheet HTML 3Page - Integrated Device Technology M685-01-BA-BH Datasheet HTML 4Page - Integrated Device Technology M685-01-BA-BH Datasheet HTML 5Page - Integrated Device Technology M685-01-BA-BH Datasheet HTML 6Page - Integrated Device Technology M685-01-BA-BH Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
M685 Datasheet Rev 0.7 - Errata
Revised 29Jul2009
Integ r ated De vice Te chn ology, In c.
● Com m u nicatio n M odu les ● www.id t.co m ● te l (5 08) 8 52-540 0
M685
DUAL SAW, SELECTABLE FREQUENCY VCSO
Er rata
PRODUCT APPLICATION CAUTION
F_SEL Change During Power-Up Can Affect Output Frequency Accuracy
M685E1
The M685 features an F_SEL input which is used to select the internal VCSO frequency.
The F_SEL input logic level should not be changed while the M685 device is in operation (that is, voltage
is applied to the pin VCC), particularly when the pin VIN (the control voltage input) is above 2.0V.
Changing the F_SEL input logic level during operation may result in an erroneous output frequency.
It is safe to change F_SEL during operation if pin VIN can be held low, or at least below 2.0V.


Similar Part No. - M685-01-BA-BH

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M685-01-BA-BH ICST-M685-01-BA-BH Datasheet
281Kb / 7P
   DUAL SAW, SELECTABLE FREQUENCY VCSO
More results

Similar Description - M685-01-BA-BH

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M685 ICST-M685 Datasheet
281Kb / 7P
   DUAL SAW, SELECTABLE FREQUENCY VCSO
M660-02 ICST-M660-02 Datasheet
199Kb / 4P
   DUAL SAW, SELECTABLE FREQUENCY VCSO
M660 ICST-M660 Datasheet
59Kb / 1P
   DUAL SAW, SELECTABLE FREQUENCY VCSO
M672 ICST-M672 Datasheet
194Kb / 4P
   VCSO WITH SELECTABLE OUTPUT FREQUENCY DIVIDER
logo
Vectron International, ...
VS-751 VECTRON-VS-751 Datasheet
255Kb / 7P
   Dual Frequency VCSO
VS-509 VECTRON-VS-509_11 Datasheet
207Kb / 9P
   Dual Frequency VCSO
VS-550 VECTRON-VS-550_06 Datasheet
144Kb / 7P
   Dual Frequency VCSO
VS-709 VECTRON-VS-709 Datasheet
719Kb / 9P
   Dual Frequency VCSO
VS-504 VECTRON-VS-504 Datasheet
872Kb / 6P
   Dual Frequency VCSO
VS-709 VECTRON-VS-709_12 Datasheet
719Kb / 9P
   Dual Frequency VCSO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com