Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA92 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # MMBTA92
Description  TRANSISTOR(PNP)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

MMBTA92 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  MMBTA92 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. MMBTA92 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TRANSISTOR(PNP)
FEATURES
High voltage transistor
MARKING:2D
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-300
V
VCEO
Collector-Emitter Voltage
-300
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-300
mA
PC
Collector Power Dissipation
300
mW
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55-150
RӨJA
Thermal Resistance, junction to Ambient
410
℃/mW
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC= -100μA, IE=0
-300
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -1mA, IB=0
-300
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -100μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-200V, IE=0
-0.25
μA
Emitter cut-off current
IEBO
VEB= -5V, IC=0
-0.1
μA
hFE(1)
VCE= -10V, IC= -1mA
60
hFE(2)
VCE= -10V, IC=-10mA
100
200
DC current gain
hFE(3)
VCE= -10V, IC=-30mA
60
Collector-emitter saturation voltage
VCE(sat)
IC=-20mA, IB= -2mA
-0.2
V
Base-emitter saturation voltage
VBE(sat)
IC= -20mA, IB= -2mA
-0.9
V
Transition frequency
fT
VCE=-20V, IC= -10mA
f=30MHz
50
MHz
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR
MMBTA92
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - MMBTA92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBTA92 PHILIPS-MMBTA92 Datasheet
43Kb / 8P
   PNP high-voltage transistor
2000 Apr 11
logo
Galaxy Semi-Conductor H...
MMBTA92 BILIN-MMBTA92 Datasheet
161Kb / 4P
   PNP High Voltage Amplifier
logo
Jinan Jing Heng Electro...
MMBTA92 JINGHENG-MMBTA92 Datasheet
1Mb / 5P
   PNP Plastic-Encapsulate Transistors
logo
Diotec Semiconductor
MMBTA92 DIOTEC-MMBTA92 Datasheet
108Kb / 2P
   Surface mount High Voltage Transistors
logo
Micro Commercial Compon...
MMBTA92 MCC-MMBTA92 Datasheet
239Kb / 3P
   PNP Silicon High Voltage Transistor
More results

Similar Description - MMBTA92

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com