Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9013 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # S9013
Description  TRANSISTOR(NPN)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

S9013 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  S9013 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. S9013 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TRANSISTOR(NPN)
FEATURES
Complementary to S9012
Excellent hFE linearity
MARKING: J3
MAXIMUM RATINGS (
TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
500
mA
PC
Collector Power Dissipation
300
mW
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC= 100μA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 0.1mA, IB=0
25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA, IC=0
5
V
Collector cut-off current
ICBO
VCB=40V, IE=0
0.1
μA
Collector cut-off current
ICEO
VCE=20V, IB=0
0.1
μA
Emitter cut-off current
IEBO
VEB= 5V, IC=0
0.1
μA
hFE(1)
VCE=1V, IC= 50mA
120
400
DC current gain
hFE(2)
VCE=1V, IC=500mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=500mA, IB= 50mA
0.6
V
Base-emitter saturation voltage
VBE(sat)
IC=500mA, IB= 50mA
1.2
V
Transition frequency
fT
VCE=6V, IC= 20mA
f=30MHz
150
MHz
CLASSIFICATION OF
hFE(1)
Rank
L
H
J
Range
120-200
200-350
300-400
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR
S901 3
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - S9013

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S9013 FAIRCHILD-S9013 Datasheet
40Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
logo
SUNMATE electronic Co.,...
S9013 SUNMATE-S9013 Datasheet
752Kb / 3P
   NPN SILICON EPITAXIAL PLANAR TRANSISTOR
logo
Shanghai Leiditech Elec...
S9013 LEIDITECH-S9013 Datasheet
588Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
logo
AUK corp
S9013 AUK-S9013 Datasheet
87Kb / 3P
   NPN Silicon Transistor
logo
Galaxy Semi-Conductor H...
S9013 BILIN-S9013 Datasheet
220Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - S9013

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com