Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC808 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BC808
Description  -0.8A , -30V PNP Plastic Encapsulated Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC808 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BC808 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC808 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC808 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BC808
-0.8A , -30V
PNP Plastic Encapsulated Transistor
Elektronische Bauelemente
15-Jul-2011 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES


Similar Part No. - BC808

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC808 FAIRCHILD-BC808 Datasheet
72Kb / 6P
   Switching and Amplifier Applications
logo
Infineon Technologies A...
BC808 INFINEON-BC808 Datasheet
111Kb / 11P
   PNP Silicon AF Transistor
2007-06-08
logo
Jiangsu Changjiang Elec...
BC808 JIANGSU-BC808 Datasheet
588Kb / 3P
   SOT-23 Plastic-Encapsulate Transistors
logo
General Semiconductor
BC808 GE-BC808 Datasheet
228Kb / 5P
   Small Signal Transistors (PNP)
logo
Weitron Technology
BC808 WEITRON-BC808 Datasheet
959Kb / 4P
   PNP Transistor Surface Mount
More results

Similar Description - BC808

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA965TM SECOS-2SA965TM Datasheet
84Kb / 1P
   -0.8A , -120V PNP Plastic Encapsulated Transistor
KSA928ATL SECOS-KSA928ATL Datasheet
242Kb / 2P
   -2A , -30V PNP Plastic Encapsulated Transistor
3DD13002 SECOS-3DD13002 Datasheet
297Kb / 2P
   0.8A, 600V NPN Plastic-Encapsulated Transistor
2SC2235TM SECOS-2SC2235TM Datasheet
752Kb / 2P
   0.8A , 120V NPN Plastic Encapsulated Transistor
KTC3265 SECOS-KTC3265 Datasheet
226Kb / 2P
   0.8A , 35V NPN Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
   PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
   PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
   PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
   PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
   PNP Plastic-Encapsulated Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com