Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW61C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BCW61C
Description  -0.1A , -32V PNP Plastic Encapsulated Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCW61C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BCW61C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCW61C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BCW61C
-0.1A , -32V
PNP Plastic Encapsulated Transistor
Elektronische Bauelemente
15-Jul-2011 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES


Similar Part No. - BCW61C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW61C PHILIPS-BCW61C Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 Apr 12
BCW61C NXP-BCW61C Datasheet
127Kb / 6P
   PNP general purpose transistors
1999 Apr 12
logo
Samsung semiconductor
BCW61C SAMSUNG-BCW61C Datasheet
33Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Infineon Technologies A...
BCW61C INFINEON-BCW61C Datasheet
169Kb / 11P
   PNP Silicon AF Transistors
2007-10-18
logo
Siemens Semiconductor G...
BCW61C SIEMENS-BCW61C Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

Similar Description - BCW61C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCW61B SECOS-BCW61B Datasheet
1Mb / 2P
   -0.1A , -32V PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
   PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
   PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
   PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
   PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
   PNP Plastic-Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
   PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
   PNP Plastic Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
   PNP Plastic Encapsulated Transistor
KTA1266 SECOS-KTA1266 Datasheet
69Kb / 1P
   PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com