Electronic Components Datasheet Search |
|
MC78T12BT Datasheet(PDF) 4 Page - Motorola, Inc |
|
MC78T12BT Datasheet(HTML) 4 Page - Motorola, Inc |
4 / 12 page MC78T00 Series 4 MOTOROLA ANALOG IC DEVICE DATA ELECTRICAL CHARACTERISTICS (Vin = 17 V, IO = 3.0 A, 0°C ≤ TJ ≤ 125°C, PO ≤ Pmax [Note 1], unless otherwise noted.) MC78T12AC MC78T12C Characteristics Symbol Min Typ Max Min Typ Max Unit Output Voltage (5.0 mA ≤ IO ≤ 3.0 A, TJ = +25°C) (5.0 mA ≤ IO ≤ 3.0 A, 5.0 mA ≤ IO ≤ 2.0 A, 14.5 Vdc ≤ Vin ≤ 27 Vdc) VO 11.75 11.5 12 12 12.25 12.5 11.5 11.4 12 12 12.5 12.6 Vdc Line Regulation (Note 2) (14.5 Vdc ≤ Vin ≤ 35 Vdc, IO = 5.0 mA, TJ = +25°C; 14.5 Vdc ≤ Vin ≤ 35 Vdc, IO = 1.0 A, TJ = +25°C; 16 Vdc ≤ Vin ≤ 22 Vdc, IO = 3.0 A, TJ = +25°C; 14.9 Vdc ≤ Vin ≤ 27 Vdc, IO = 1.0 A) Regline – 6.0 45 – 6.0 45 mV Load Regulation (Note 2) (5.0 mA ≤ IO ≤ 3.0 A, TJ = +25°C) (5.0 mA ≤ IO ≤ 3.0 A) Regload – – 10 15 30 80 – – 10 15 30 80 mV Thermal Regulation (Pulse = 10 ms, P = 20 W, TA = +25°C) Regtherm – 0.001 0.01 – 0.002 0.03 %VO/W Quiescent Current (5.0 mA ≤ IO ≤ 3.0 A, TJ = +25°C) (5.0 mA ≤ IO ≤ 3.0 A) IB – – 3.5 4.0 5.0 6.0 – – 3.5 4.0 5.0 6.0 mA Quiescent Current Change (14.5 Vdc ≤ Vin ≤ 35 Vdc, IO = 5.0 mA, TJ = +25°C; 5.0 mA ≤ IO ≤ 3.0 A, TJ = +25°C; 14.9 Vdc ≤ Vin ≤ 27 Vdc, IO = 1.0 A) ∆IB – 0.3 1.0 – 0.3 1.0 mA Ripple Rejection (15 Vdc ≤ Vin ≤ 25 Vdc, f = 120 Hz, IO = 2.0 A, TJ = 25°C) RR 57 67 – 57 67 – dB Dropout Voltage (IO = 3.0 A, TJ = +25°C) Vin – VO – 2.2 2.5 – 2.2 2.5 Vdc Output Noise Voltage (10 Hz ≤ f ≤ 100 kHz, TJ = +25°C) Vn – 10 – – 10 – µV/VO Output Resistance (f = 1.0 kHz) RO – 2.0 – – 20 – m Ω Short Circuit Current Limit (Vin = 35 Vdc, TJ = +25°C) ISC – 1.5 – – 1.5 – A Peak Output Current (TJ = +25°C) Imax – 5.0 – – 5.0 – A Average Temperature Coefficient of Output Voltage (IO = 5.0 mA) TCVO – 0.5 – – 0.5 – mV/ °C NOTES: 1. Although power dissipation is internally limited, specifications apply only for PO ≤ Pmax, Pmax = 25 W. 2. Line and load regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. |
Similar Part No. - MC78T12BT |
|
Similar Description - MC78T12BT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |