Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBL604G Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # KBL604G
Description  Voltage 50V ~ 1000V, 6.0 Amp Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KBL604G Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  KBL604G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KBL604G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBL6005G~KBL610G
Voltage 50V ~ 1000V,
6.0 Amp Glass Passivated Bridge Rectifiers
Elektronische Bauelemente
27-Oct-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Surge overload rating – 150 Amperes peak
Ideal for printed circuit board
Plastic material has underwriters laboratory
flammability classification 94V-0
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Part Number
Unit
KBL
6005G
KBL
601G
KBL
602G
KBL
604G
KBL
606G
KBL
608G
KBL
610G
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Output Current at TA=50°C
1
I(AV)
6
A
Peak Forward Surge Current, 8.3ms Single
Half Sine-Wave Superimposed on Rated
Load
IFSM
150
A
Maximum Forward Voltage Drop Per Bridge
Element @ 3.0A Peak
VF
1.1
V
Maximum Reverse Current at
Rated DC Blocking Voltage
TA=25°C
IR
10
µ
A
TA=150°C
1
mA
Operating & Storage Temperature Range
TJ,TSTG
-55~150
°C
Notes:
1.
Mounting conditions, 0.5” lead length maximum
KBL
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
18.5
19.5
F
4.6
5.6
B
15.2
16.3
G
1.8
2.2
C
6.0
6.5
H
19.0
-
D
13.9
14.9
I
1.2 TYP.
E
(4.0) x 45°


Similar Part No. - KBL604G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
KBL604G TSC-KBL604G Datasheet
146Kb / 2P
   Single Phase 6.0AMPS. Glass Passivated Bridge Rectifiers
logo
GeneSiC Semiconductor, ...
KBL604G GENESIC-KBL604G Datasheet
311Kb / 3P
   Silicon Bridge Rectifier
logo
Taiwan Semiconductor Co...
KBL604G TSC-KBL604G Datasheet
199Kb / 4P
   Glass Passivated Bridge Rectifiers
KBL604G TSC-KBL604G Datasheet
199Kb / 4P
   Glass Passivated Bridge Rectifiers
logo
GeneSiC Semiconductor, ...
KBL604G GENESIC-KBL604G Datasheet
313Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
More results

Similar Description - KBL604G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
4GBJ6005 SECOS-4GBJ6005 Datasheet
931Kb / 2P
   Voltage 50V ~ 1000V 6.0 Amp Glass Passivited Bridge Rectifiers
RS801G SECOS-RS801G Datasheet
101Kb / 2P
   VOLTAGE 50V ~ 1000V 8.0 AMP Glass Passivated Bridge Rectifiers
RS401L SECOS-RS401L Datasheet
128Kb / 2P
   VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
RS1505G SECOS-RS1505G Datasheet
94Kb / 2P
   VOLTAGE 50V ~ 1000V 15.0 AMP Glass Passivated Bridge Rectifiers
KBU10A SECOS-KBU10A Datasheet
100Kb / 2P
   VOLTAGE 50V ~ 1000V 10 AMP Glass Passivated Bridge Rectifiers
RS401M SECOS-RS401M Datasheet
291Kb / 2P
   VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
KBU4A SECOS-KBU4A Datasheet
55Kb / 2P
   VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
RL201G SECOS-RL201G Datasheet
221Kb / 2P
   Voltage 50V ~ 1000V 2.0 Amp Glass Passivated Rectifiers
D3UB05 SECOS-D3UB05 Datasheet
194Kb / 2P
   Voltage 50V ~ 1000V 3.0Amp Glass Passivated Bridge Rectifiers
GBP2005 SECOS-GBP2005 Datasheet
226Kb / 2P
   Voltage 50V ~ 1000V 2.0Amp Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com