Selected language     English  ▼


SM78L06 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part No. SM78L06
Description  Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SECOS [SeCoS Halbleitertechnologie GmbH]
Homepage  http://www.secosgmbh.com
Logo 

   
 3 page
background image
Elektronische Bauelemente
SM78Lxx Series
Positive Voltage Regulator
06-Jul-2011 Rev. C
Page 3 of 6
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SM78L08 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TJ =0~125°C , IO=40mA, VIN=14V, CIN=0.33μF, CO=0.1μF unless otherwise specified)
1
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN=14V, IO=40mA, TJ=25°C
7.7
8
8.3
10.5V≦VIN≦23V, 1mA≦IO≦40mA
7.6
8
8.4
VO
1mA≦IO≦70mA
7.6
8
8.4
V
10.5V≦VIN≦23V, TJ=25°C
-
42
175
V
O(Line Regulation)
11V≦VIN≦23V, TJ=25°C
-
36
125
mV
1mA≦IO≦100mA, TJ=25°C
-
18
80
V
O(Load Regulation)
1mA≦IO≦40mA, TJ=25°C
-
10
40
mV
IQ
TJ=25°C
-
2.0
5.5
mA
1mA≦IO≦40mA
-
-
0.1
I
Q
11V≦VIN≦23V
-
-
1.5
mA
VN
10Hz≦f≦100KHz
-
54
-
μV
RR
13V≦VIN≦23V, f=120Hz
37
46
-
dB
VD
TJ=25°C
-
1.7
-
V
SM78L09 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TJ =0~125 °C, IO=40mA, VIN=16V, CIN=0.33μF, CO=0.1μF unless otherwise specified)
1
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN=16V, IO=40mA,Tj=25°C
8.64
9
9.36
12V≦VIN≦24V, 1mA≦IO≦40mA
8.55
9
9.45
VO
1mA≦IO≦70mA
8.55
9
9.45
V
12V≦VIN≦24V, TJ=25°C
-
45
175
V
O(Line Regulation)
13V≦VIN≦24V, TJ=25°C
-
40
125
mV
1mA≦IO≦100mA, TJ=25°C
-
19
90
V
O(Load Regulation)
1mA≦IO≦40mA, TJ=25°C
-
11
40
mV
IQ
TJ=25°C
-
4.1
6.0
mA
1mA≦IO≦40mA
-
-
0.1
I
Q
13V≦VIN≦24V
-
-
1.5
mA
VN
10Hz≦f≦100KHz
-
58
-
μV
RR
15V≦VIN≦25V, f=120Hz
-
45
-
dB
VD
TJ=25°C
-
1.7
-
V




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl