Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMG2305P_1108 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMG2305P_1108
Description  -4.5A , -20V , RDS(ON) 43 m P-Channel Enhancement MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMG2305P_1108 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMG2305P_1108 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMG2305P_1108 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMG2305P
-4.5A , -20V , RDS(ON) 43 mΩ
P-Channel Enhancement MOSFET
Elektronische Bauelemente
8-Aug-2011 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Static
Gate-Threshold Voltage
VGS(th)
-0.7
-
-
V
VDS=VGS, ID= -250µA
Gate-Body Leakage
IGSS
-
-
±100
nA
VDS=0, VGS= ±8V
Zero Gate Voltage Drain Current
IDSS
-
-
-1
µA
VDS= -16V, VGS=0
-
-
-10
VDS= -16V, VGS=0, TJ=55°C
On-State Drain Current
1
ID(ON)
-10
-
-
A
VDS= -5V, VGS= -4.5V
Drain-Source On-Resistance
1
RDS(ON)
-
-
43
m
VGS= -4.5V, ID= -3.6A
-
-
54
VGS= -2.5V, ID= -3.1A
-
-
120
VGS= -1.8V, ID= -2.7A
Forward Transconductance
1
gFS
-
12
-
S
VDS= -5V,,ID= -1.25A
Diode Forward Voltage
VSD
-
-0.6
-
V
IS= -0.46A, VGS=0
Dynamic
2
Total Gate Charge
Qg
-
12
-
nC
ID= -2.4A
VDS= -5V
VGS= -4.5V
Gate-Source Charge
Qgs
-
2
-
Gate-Drain Charge
Qgd
-
2
-
Turn-On Delay Time
Td(ON)
-
6.5
-
nS
IL= -1A,
VDD= -10V,
VGEN= -4.5V,
RG=6
Rise Time
Tr
-
20
-
Turn-Off Delay Time
Td(OFF)
-
31
-
Fall Time
Tf
-
21
-
Notes:
1.
Pulse test:PW ≦ 300 us duty cycle ≦ 2%.
2.
Guaranteed by design, not subject to production testing.


Similar Part No. - SMG2305P_1108

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2305P SECOS-SMG2305P_15 Datasheet
444Kb / 4P
   P-Channel Enhancement MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com