Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STZ8043B Datasheet(PDF) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # STZ8043B
Description  Silicon Planar Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

STZ8043B Datasheet(HTML) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  STZ8043B Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. STZ8043B Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. STZ8043B Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd. STZ8043B Datasheet HTML 4Page - Shenzhen Jin Yu Semiconductor Co., Ltd. STZ8043B Datasheet HTML 5Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Type
Marking
Code
Zener Voltage Range
1)
Dynamic Impedance
Reverse Leakage
Current
Temp. coefficient of
Zener Voltage
lZT for
VZ
ZZT
ZZK
at IZK
IR
at VR
SZ (mV/OC)
Typ. at IZT
mA
V
Ω (Max.)
Ω (Max.)
mA
μA (Max.)
V
STZ8024
1C
5
2.28…2.6
100
-
-
120
1
-1.6
STZ8027
1D
5
2.5…2.9
110
-
-
120
1
-2
STZ8027A
1C1
2.5…2.75
STZ8027B
7D
2.65…2.9
STZ8030
1E
5
2.8…3.2
120
-
-
50
1
-2.1
STZ8030A
1F1
2.8…3.05
STZ8030B
7E
2.95…3.2
STZ8033
1F
5
3.1…3.5
130
-
-
20
1
-2.4
STZ8033A
1J1
3.1…3.35
STZ8033B
7F
3.25…3.5
STZ8036
1H
5
3.4…3.8
130
-
-
10
1
-2.4
STZ8036A
1M1
3.4…3.65
STZ8036B
7H
3.55…3.8
STZ8039
1J
5
3.7…4.1
130
-
-
10
1
-2.5
STZ8039A
1Q1
3.7…3.97
STZ8039B
7J
3.87…4.1
STZ8043
1K
5
4…4.6
130
-
-
10
1
-2.5
STZ8043A
1T1
4.03…4.26
STZ8043B
7K
4.17…4.4
STZ8043C
1W1
4.31…4.54
STZ8047
1M
5
4.4…5
80
800
1
2
1
-1.4
STZ8047A
1Y1
4.45…4.69
STZ8047B
EB
4.59…4.83
STZ8047C
2A1
4.74…4.99
STZ8051
1N
5
4.8…5.4
60
500
1
2
1.5
-0.8
STZ8051A
2C1
4.87…5.12
STZ8051B
EC
5…5.26
STZ8051C
2E1
5.14…5.4
STZ8056
1P
5
5.3…6
40
200
0.5
1
2.5
1.2
STZ8056A
2G1
5.3…5.58
STZ8056B
ED
5.48…5.76
STZ8056C
2J1
5.66…5.95
STZ8062
1R
5
5.8…6.6
30
100
0.5
1
3
2.3
STZ8062A
2L1
5.85…6.15
STZ8062B
7R
6.05…6.36
STZ8062C
2N1
6.24…6.56
STZ8068
1X
5
6.4…7.2
20
60
0.5
0.5
3.5
3
STZ8068A
2Q1
6.44…6.77
STZ8068B
7X
6.64…6.98
STZ8068C
2S1
6.85…7.2
STZ8075
1Y
5
7…7.9
20
60
0.5
0.5
4
4
STZ8075A
2U1
7.07…7.43
STZ8075B
7Y
7.29…7.67
STZ8075C
2X1
7.51…7.89
STZ8000 Series
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - STZ8043B

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
STZ8043B SEMTECH_ELEC-STZ8043B Datasheet
301Kb / 5P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - STZ8043B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com