Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1325 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A1325
Description  Low Noise, Linear Hall Effect Sensor ICs with Analog Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1325 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A1325 Datasheet HTML 1Page - Allegro MicroSystems A1325 Datasheet HTML 2Page - Allegro MicroSystems A1325 Datasheet HTML 3Page - Allegro MicroSystems A1325 Datasheet HTML 4Page - Allegro MicroSystems A1325 Datasheet HTML 5Page - Allegro MicroSystems A1325 Datasheet HTML 6Page - Allegro MicroSystems A1325 Datasheet HTML 7Page - Allegro MicroSystems A1325 Datasheet HTML 8Page - Allegro MicroSystems A1325 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Linear Hall Effect Sensor ICs with Analog Output
A1324, A1325,
and A1326
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Unit
Forward Supply Voltage
VCC
8V
Reverse Supply Voltage
VRCC
–0.1
V
Forward Output Voltage
VOUT
15
V
Reverse Output Voltage
VROUT
–0.1
V
Output Source Current
IOUT(SOURCE)
VOUT to GND
2
mA
Output Sink Current
IOUT(SINK)
VCC to VOUT
10
mA
Operating Ambient Temperature
TA
L temperature range
–40 to 150
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 170
ºC
Terminal List Table
Name
Number
Function
LH
UA
VCC
1
1
Input power supply; tie to GND with
bypass capacitor
VOUT
2
3
Output signal; also used for
programming
GND
3
2
Ground
Selection Guide
Part Number
Packing1
Package
Sensitivity (Typ.)
(mV/G)
A1324LLHLX-T
10 000 pieces per reel
3-pin SOT-23W surface mount
5.000
A1324LUA-T2
500 pieces per bag
3-pin ultramini SIP through hole mount
A1325LLHLX-T
10 000 pieces per reel
3-pin SOT-23W surface mount
3.125
A1325LUA-T2
500 pieces per bag
3-pin ultramini SIP through hole mount
A1326LLHLX-T
10 000 pieces per reel
3-pin SOT-23W surface mount
2.500
A1326LUA-T2
500 pieces per bag
3-pin ultramini SIP through hole mount
1Contact Allegro® for additional packing options.
2Contact factory for availability.
Thermal Characteristics may require derating at maximum conditions, see application information
Characteristic
Symbol
Test Conditions*
Value
Unit
Package Thermal Resistance
RθJA
Package LH, on 4-layer PCB with copper limited to solder pads
228
ºC/W
Package LH, on 2-layer PCB with 0.463 in.2 of copper area each
side, connected by thermal vias
110
ºC/W
Package UA, on 1-layer PCB with copper limited to solder pads
165
ºC/W
*Additional thermal information available on the Allegro website
23
1
2
1
3
Pin-out Diagrams
LH Package
UA Package


Similar Part No. - A1325

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1325 ALLEGRO-A1325 Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1325 ALLEGRO-A1325 Datasheet
1Mb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1325LLHLT- ALLEGRO-A1325LLHLT- Datasheet
1,004Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1325LLHLT-T ALLEGRO-A1325LLHLT-T Datasheet
1Mb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1325LLHLX- ALLEGRO-A1325LLHLX- Datasheet
1,004Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
More results

Similar Description - A1325

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1324-26 ALLEGRO-A1324-26 Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LUA-T ALLEGRO-A1324LUA-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LLHLT-T ALLEGRO-A1324LLHLT-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324_16 Datasheet
1,004Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1325LLHLT-T ALLEGRO-A1325LLHLT-T Datasheet
1Mb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
A1360 ALLEGRO-A1360 Datasheet
620Kb / 25P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with
A1360_V ALLEGRO-A1360_V Datasheet
623Kb / 26P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with Adjustable Bandwidth (50 kHz Maximum) and Analog Output
logo
Honeywell Accelerometer...
SS49E-F HONEYWELL-ACC-SS49E-F Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com