Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G125 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC1G125
Description  Bus buffer/line driver; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G125 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC1G125 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G125 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G125 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G125 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G125 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G125 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G125 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G125 Datasheet HTML 12Page - NXP Semiconductors 74LVC1G125 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
74LVC1G125
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 10 — 7 December 2011
9 of 19
NXP Semiconductors
74LVC1G125
Bus buffer/line driver; 3-state
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 9.
Test circuit for measuring switching times
VEXT
VCC
VI
VO
mna616
DUT
CL
RT
RL
RL
G
Table 10.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr, tf
CL
RL
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
1.65 V to 1.95 V
VCC
 2.0ns
30pF
1k
open
GND
2VCC
2.3 V to 2.7 V
VCC
 2.0 ns
30 pF
500
open
GND
2VCC
2.7 V
2.7 V
 2.5 ns
50 pF
500
open
GND
6 V
3.0 V to 3.6 V
2.7 V
 2.5 ns
50 pF
500
open
GND
6 V
4.5 V to 5.5 V
VCC
 2.5 ns
50 pF
500
open
GND
2VCC


Similar Part No. - 74LVC1G125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC1G125 TI-74LVC1G125 Datasheet
119Kb / 8P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74LVC1G125 NXP-74LVC1G125 Datasheet
90Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 11-2 July 2012
logo
Diodes Incorporated
74LVC1G125 DIODES-74LVC1G125 Datasheet
268Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32202 Rev. 2 - 2
logo
NXP Semiconductors
74LVC1G125 NXP-74LVC1G125 Datasheet
156Kb / 19P
   Bus buffer/line driver; 3-state
Rev. 9-29 December 2010
More results

Similar Description - 74LVC1G125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com