Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN11006 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # AN11006
Description  Single stage 2.3_2.7GHz LNA with BFU730F
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AN11006 Datasheet(HTML) 1 Page - NXP Semiconductors

  AN11006 Datasheet HTML 1Page - NXP Semiconductors AN11006 Datasheet HTML 2Page - NXP Semiconductors AN11006 Datasheet HTML 3Page - NXP Semiconductors AN11006 Datasheet HTML 4Page - NXP Semiconductors AN11006 Datasheet HTML 5Page - NXP Semiconductors AN11006 Datasheet HTML 6Page - NXP Semiconductors AN11006 Datasheet HTML 7Page - NXP Semiconductors AN11006 Datasheet HTML 8Page - NXP Semiconductors AN11006 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
AN11006
Single stage 2.3_2.7GHz LNA with BFU730F
Rev 2 — 27 October 2011
Application note
Info
Content
Keywords
BFU730F, LNA, 2.3-2.7 GHz, WiMAX, WLAN, ISM, LTE
Abstract
The document provides circuit, layout, BOM and performance information
on 2.3-2.7 GHz LNA equipped with NXP’s BFU730F wide band transistor.
This Application note is related to evaluation board
OM7690/BFU730F,598 12nC 934065627598


Similar Part No. - AN11006

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN11007 PHILIPS-AN11007 Datasheet
1Mb / 23P
   Single stage 5-6 GHz WLAN LNA with BFU730F
Rev. 1-04 January 2011
More results

Similar Description - AN11006

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN11007 PHILIPS-AN11007 Datasheet
1Mb / 23P
   Single stage 5-6 GHz WLAN LNA with BFU730F
Rev. 1-04 January 2011
AN11010 PHILIPS-AN11010 Datasheet
972Kb / 20P
   Single stage Ku band LNA using BFU730F
Rev. 1.0-11 January 2011
logo
Diodes Incorporated
ZNBG6008 DIODES-ZNBG6008 Datasheet
517Kb / 7P
   6 STAGE FET LNA BIAS CONTROLLER
ZABG4003 DIODES-ZABG4003 Datasheet
274Kb / 9P
   4 STAGE FET LNA BIAS CONTROLLER
ZABG6004 DIODES-ZABG6004 Datasheet
447Kb / 11P
   6 STAGE FET LNA BIAS CONTROLLER
ZNBG4008 DIODES-ZNBG4008 Datasheet
505Kb / 7P
   4 STAGE FET LNA BIAS CONTROLLER
ZNBG4003 DIODES-ZNBG4003 Datasheet
172Kb / 7P
   4 STAGE FET LNA BIAS CONTROLLER
DS35007 Rev. 1 - 2
ZABG6003 DIODES-ZABG6003 Datasheet
288Kb / 8P
   6 STAGE FET LNA BIAS CONTROLLER
logo
NXP Semiconductors
AN11024 PHILIPS-AN11024 Datasheet
1Mb / 19P
   SDARS active antenna 2nd stage LNA with BFU690, 2.33 GHz
Rev. 1-24 March 2011
logo
Qorvo, Inc
QPL9065 QORVO-QPL9065 Datasheet
3Mb / 12P
   Ultra Low-Noise 2-Stage Bypass LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com