Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16F100M Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 16F100M
Description  Standard Recovery Diodes (Stud Version), 6 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

16F100M Datasheet(HTML) 3 Page - Vishay Siliconix

  16F100M Datasheet HTML 1Page - Vishay Siliconix 16F100M Datasheet HTML 2Page - Vishay Siliconix 16F100M Datasheet HTML 3Page - Vishay Siliconix 16F100M Datasheet HTML 4Page - Vishay Siliconix 16F100M Datasheet HTML 5Page - Vishay Siliconix 16F100M Datasheet HTML 6Page - Vishay Siliconix 16F100M Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93491
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 29-Sep-08
3
16F(R) Series
Standard Recovery Diodes
(Stud Version), 16 A
Vishay High Power Products
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Forward Power Loss Characteristics
ΔR
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.31
0.23
TJ = TJ maximum
K/W
120°
0.38
0.40
90°
0.49
0.54
60°
0.72
0.75
30°
1.20
1.21
130
140
150
160
170
180
04
8
12
16
20
30°
60°
90°
120°
180°
Conduction Angle
Average Forward Current (A)
16F(R) Series
R
(DC) = 1.6 K/W
thJC
130
140
150
160
170
180
0
5
10
15
20
25
30
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
16F(R) Series
R
(DC) = 1.6 K/W
thJC
025
50
75
100
Maximum Allowable Ambient Temperature (°C)
10 K/W
15K/W
R
= 4
K/W
- D
elta
R
thS
A
6 K
/W
8 K/W
20 K/W
30 K/W
0
4
8
12
16
20
0
4
8
121620
Average Forward Current (A)
RMS Limit
Conduction Angle
180°
120°
90°
60°
30°
16F(R) Series
T = 175°C
J


Similar Part No. - 16F100M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16F100M VISHAY-16F100M Datasheet
141Kb / 6P
   Standard Recovery Diodes (Stud Version), 16 A
Revision: 29-Sep-08
More results

Similar Description - 16F100M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6FR VISHAY-6FR_08 Datasheet
129Kb / 6P
   Standard Recovery Diodes (Stud Version), 6 A
Revision: 29-Sep-08
6FR VISHAY-6FR_12 Datasheet
142Kb / 7P
   Standard Recovery Diodes (Stud Version), 6 A
Revision: 29-Sep-08
VS-6FR VISHAY-VS-6FR_V01 Datasheet
154Kb / 6P
   Standard Recovery Diodes, (Stud Version), 6 A
01-Jan-2022
VS-6FR VISHAY-VS-6FR Datasheet
154Kb / 6P
   Standard Recovery Diodes (Stud Version), 6 A
Revision: 16-Nov-15
VS-6F VISHAY-VS-6F Datasheet
154Kb / 6P
   Standard Recovery Diodes(Stud Version), 6 A
Revision: 16-Nov-15
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com