Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70HFL60S02 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 70HFL60S02
Description  Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

70HFL60S02 Datasheet(HTML) 4 Page - Vishay Siliconix

  70HFL60S02 Datasheet HTML 1Page - Vishay Siliconix 70HFL60S02 Datasheet HTML 2Page - Vishay Siliconix 70HFL60S02 Datasheet HTML 3Page - Vishay Siliconix 70HFL60S02 Datasheet HTML 4Page - Vishay Siliconix 70HFL60S02 Datasheet HTML 5Page - Vishay Siliconix 70HFL60S02 Datasheet HTML 6Page - Vishay Siliconix 70HFL60S02 Datasheet HTML 7Page - Vishay Siliconix 70HFL60S02 Datasheet HTML 8Page - Vishay Siliconix 70HFL60S02 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93150
4
Revision: 25-May-09
40HFL, 70HFL, 85HFL Series
Vishay High Power Products
Fast Recovery Diodes
(Stud Version), 40 A/70 A/85 A
Notes
(1) Recommended for pass-through holes
(2) Recommended for holed threaded heatsinks
Fig. 1 - Reverse Recovery Time Test Waveform
Fig. 2 - Current Rating Nomogram (Sinusoidal Waveforms), 40HFL Series
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
40HFL
70HFL
85HFL
UNITS
Junction operating temperature range
TJ
- 40 to 125
°C
Storage temperature range
TStg
- 40 to 150
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.60
0.36
0.30
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth,
flat and greased
0.25
Maximum allowable mounting torque
(+ 0 %, - 10 %)
Not lubricated thread, tighting on nut (1)
3.4 (30)
N · m
(lbf · in)
Lubricated thread, tighting on nut (1)
2.3 (20)
Not lubricated thread, tighting on hexagon (2)
4.2 (37)
Lubricated thread, tighting on hexagon (2)
3.2 (28)
Approximate weight
25
0.88
Case style
JEDEC
DO-203AB (DO-5)


Similar Part No. - 70HFL60S02

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70HFL60S02 IRF-70HFL60S02 Datasheet
3Mb / 10P
   FAST RECOVERY DIODES
70HFL60S02 IRF-70HFL60S02 Datasheet
360Kb / 10P
   Fast Recovery Rectifiers
logo
Vishay Siliconix
70HFL60S02 VISHAY-70HFL60S02 Datasheet
1Mb / 12P
   Fast Recovery Diodes (Stud Version), 40/70/85 A
Revision: 16-May-08
logo
New Jersey Semi-Conduct...
70HFL60S02 NJSEMI-70HFL60S02 Datasheet
89Kb / 1P
   Rectifiers Fast Recovery
logo
TRANSYS Electronics Lim...
70HFL60S02/5/10 TEL-70HFL60S02/5/10 Datasheet
201Kb / 1P
   Super Fast Recovery Rectifier
More results

Similar Description - 70HFL60S02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40HFL VISHAY-VS-40HFL Datasheet
220Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
Revision: 02-Mar-17
VS-40HFL60S02 VISHAY-VS-40HFL60S02 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
VS-40HFL VISHAY-VS-40HFL_V01 Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
40HFL VISHAY-40HFL Datasheet
1Mb / 12P
   Fast Recovery Diodes (Stud Version), 40/70/85 A
Revision: 16-May-08
T40HFL VISHAY-T40HFL_10 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-T40HFL VISHAY-VS-T40HFL_V01 Datasheet
367Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A, 70 A, 85 A
01-Jan-2022
T40HFL VISHAY-T40HFL_V01 Datasheet
427Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
12-Mar-12
VS-T70HFL60S02 VISHAY-VS-T70HFL60S02 Datasheet
423Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-85HFR40M8 VISHAY-VS-85HFR40M8 Datasheet
172Kb / 8P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
VS-85HFR VISHAY-VS-85HFR_V01 Datasheet
182Kb / 10P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com