Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

400U Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 400U
Description  Standard Recovery Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

400U Datasheet(HTML) 6 Page - Vishay Siliconix

  400U_12 Datasheet HTML 1Page - Vishay Siliconix 400U_12 Datasheet HTML 2Page - Vishay Siliconix 400U_12 Datasheet HTML 3Page - Vishay Siliconix 400U_12 Datasheet HTML 4Page - Vishay Siliconix 400U_12 Datasheet HTML 5Page - Vishay Siliconix 400U_12 Datasheet HTML 6Page - Vishay Siliconix 400U_12 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 95339
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 24-Jul-08
1
DO-205AB (DO-9) for 400U(R) Series
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
Note
• For metric device: M16 x 1.5 contact factory
19 (0.75)
MAX.
3/4"-16UNF-2A
(1)
SW 32
Ø 28.5 (1.08) MAX.
16 (0.63)
MAX.
9.5 (0.37)
MIN.
Ø 8.5 (0.33) NOM.
4 (0.16)
MAX.
39 (1.53)
MAX.
C.S. 35 mm²
(0.054 s.i.)
Glass-metal seal
200 ± 10
(7.87 ± 0.39)
75 (2.95) MIN.
21 (0.82)
MAX.


Similar Part No. - 400U_12

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
400UR120 NAINA-400UR120 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
logo
International Rectifier
400UR120D IRF-400UR120D Datasheet
98Kb / 6P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
400UR120D VISHAY-400UR120D Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
More results

Similar Description - 400U_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com