Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

400U120 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 400U120
Description  Standard Recovery Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

400U120 Datasheet(HTML) 2 Page - Vishay Siliconix

  400U120 Datasheet HTML 1Page - Vishay Siliconix 400U120 Datasheet HTML 2Page - Vishay Siliconix 400U120 Datasheet HTML 3Page - Vishay Siliconix 400U120 Datasheet HTML 4Page - Vishay Siliconix 400U120 Datasheet HTML 5Page - Vishay Siliconix 400U120 Datasheet HTML 6Page - Vishay Siliconix 400U120 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93510
2
Revision: 23-Jun-08
400U(R) Series
Vishay High Power Products Standard Recovery Diodes
(Stud Version), 400 A
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
400
A
120
°C
Maximum RMS forward current
IF(RMS)
DC at 110 °C case temperature
630
A
Maximum peak, one cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
8250
A
t = 8.3 ms
8640
t = 10 ms
100 % VRRM
reapplied
6940
t = 8.3 ms
7270
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
340
kA2s
t = 8.3 ms
311
t = 10 ms
100 % VRRM
reapplied
241
t = 8.3 ms
220
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
3400
kA2
√s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.77
V
High level value of threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ = TJ maximum
0.85
Low level value of forward
slope resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.49
m
Ω
High level value of forward
slope resistance
rf2
(I >
π x I
F(AV)), TJ = TJ maximum
0.49
Maximum forward voltage drop
VFM
Ipk = 1500 A, TJ = TJ maximum, tp = 10 ms sinusoidal wave
1.62
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating and
storage temperature range
TJ, TStg
- 40 to 200
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.15
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.04
Maximum allowed mounting torque
± 10 %
Not lubricated threads
27
N · m
Approximate weight
250
g
Case style
See dimensions - link at the end of datasheet
DO-205AB (DO-9)
ΔR
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.020
0.013
TJ = TJ maximum
K/W
120°
0.023
0.023
90°
0.029
0.031
60°
0.042
0.044
30°
0.073
0.074


Similar Part No. - 400U120

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
400U120 NAINA-400U120 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
logo
International Rectifier
400U120D IRF-400U120D Datasheet
98Kb / 6P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
400U120D VISHAY-400U120D Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
More results

Similar Description - 400U120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com