Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRT11 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BRT11
Description  SITACO AC Switches Without Zero Voltage Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BRT11 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BRT11 Datasheet HTML 1Page - Siemens Semiconductor Group BRT11 Datasheet HTML 2Page - Siemens Semiconductor Group BRT11 Datasheet HTML 3Page - Siemens Semiconductor Group BRT11 Datasheet HTML 4Page - Siemens Semiconductor Group BRT11 Datasheet HTML 5Page - Siemens Semiconductor Group BRT11 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Semiconductor Group
2
12.96
BRT 11, BRT 12, BRT 13
Maximum Ratings, at Tj = 25 °C, unless otherwise specified.
AC Switch
Parameter
Symbol
Value
Unit
Max. Power dissipation
630
mW
Ptot
Chip or operating temperature
°C
Tj
-40 ...+ 100
Storage temperature
-40 ...+ 150
Tstg
Insulation test voltage 1)
between input/output circuit
(climate in acc. with DIN 40046, part2, Nov.74)
VIS
VRMS
5300
Reference voltage in acc. with VDE 0110 b
(insulation group C)
Vref
VRMS
VDC
500
600
Creepage tracking resistance
(in acc. with DIN IEC 112/VDE 0303, part 1)
CTI
(group IIIa
acc. to DIN
VDE 0109)
175
Ris
Insulation resistance
VIO = 500 V, TA = 25 °C
VIO = 500 V, TA = 100 °C
≥ 1012
≥ 1011
DIN humidity category, DIN 40 040
-
F
-
Creepage distance (input/output circuit)
-
≥ 7.2
mm
Clearance (input/output circuit)
-
≥ 7.2
Input Circuit
Parameter
Symbol
Unit
Value
Param VR
VR
6
V
Continuous forward current
IF
mA
20
1.5
Surge forward current,
IFSM(I)
A
Max. power dissipation, t
≤ 10 µs
Ptot
30
mW
Output Circuit
Parameter
Symbol
BRT
12
Unit
BRT
13
BRT
11
V
Repetitive peak off-state voltage
VDRM
400
600
800
RMS on-state current
ITRMS
300
mA
Single cycle surge current (50 Hz)
ITSM(I)
3
A
Max. power dissipation
Ptot
600
mW
Tj
, t
≤ 10 µs


Similar Part No. - BRT11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BRT11 VISHAY-BRT11 Datasheet
354Kb / 7P
   Optocoupler, Phototriac Output
Rev. 1.4, 26-Apr-04
BRT11 VISHAY-BRT11 Datasheet
404Kb / 8P
   Optocoupler, Phototriac Output
Rev. 1.4, 11-Apr-05
BRT11 VISHAY-BRT11 Datasheet
255Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jan-2022
BRT11-H VISHAY-BRT11-H Datasheet
354Kb / 7P
   Optocoupler, Phototriac Output
Rev. 1.4, 26-Apr-04
BRT11-H VISHAY-BRT11-H Datasheet
404Kb / 8P
   Optocoupler, Phototriac Output
Rev. 1.4, 11-Apr-05
More results

Similar Description - BRT11

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BRT21 SIEMENS-BRT21 Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
logo
ON Semiconductor
CA3059 ONSEMI-CA3059_06 Datasheet
181Kb / 6P
   Zero Voltage Switch
July, 2006 ??Rev. 2
CA3059 ONSEMI-CA3059 Datasheet
79Kb / 8P
   Zero Voltage Switch
August, 2001 ??Rev. 1
logo
Motorola, Inc
CA3059 MOTOROLA-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
logo
Zarlink Semiconductor I...
SL441C ZARLINK-SL441C Datasheet
92Kb / 5P
   ZERO VOLTAGE SWITCH
logo
Motorola, Inc
MC3370P MOTOROLA-MC3370P Datasheet
155Kb / 3P
   ZERO VOLTAGE SWITCH
logo
List of Unclassifed Man...
SL443A ETC-SL443A Datasheet
164Kb / 4P
   ZERO VOLTAGE SWITCH
logo
ON Semiconductor
CA3059 ONSEMI-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
August, 2001 ??Rev. 1
logo
Unisonic Technologies
A2804 UTC-A2804_15 Datasheet
245Kb / 4P
   ZERO VOLTAGE SWITCH
A2804 UTC-A2804 Datasheet
39Kb / 4P
   ZERO VOLTAGE SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com