Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS07K-M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RS07K-M
Description  Small Signal Fast Switching Diode, High Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RS07K-M Datasheet(HTML) 1 Page - Vishay Siliconix

  RS07K-M Datasheet HTML 1Page - Vishay Siliconix RS07K-M Datasheet HTML 2Page - Vishay Siliconix RS07K-M Datasheet HTML 3Page - Vishay Siliconix RS07K-M Datasheet HTML 4Page - Vishay Siliconix RS07K-M Datasheet HTML 5Page - Vishay Siliconix RS07K-M Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RS07B-M, RS07D-M, RS07G-M, RS07J-M, RS07K-M
Document Number 85195
Rev. 1.1, 30-Aug-10
Vishay Semiconductors
www.vishay.com
1
17249
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Small Signal Fast Switching Diode, High Voltage
Features
• For surface mounted applications
• Low profile package
• Ideal for automated placement
• Glass passivated
• High temperature soldering: 260 °C/10 s
at terminals
• Wave and reflow solderable
• AEC-Q101 qualified
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
• Halogen-free
according
to
IEC
61249-2-21
definition
Mechanical Data
Case: DO-219AB (SMF)
Polarity: band denotes cathode end
Weight: approx. 15 mg
Packaging codes/options:
18/10K per 13" reel (8 mm tape)
08/3K per 7" reel (8 mm tape)
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Part
Ordering code
Marking
Remarks
RS07B-M
RS07B-M-18 or RS07B-M-08
TB
Tape and reel
RS07D-M
RS07D-M-18 or RS07D-M-08
TD
Tape and reel
RS07G-M
RS07G-M-18 or RS07G-M08
TG
Tape and reel
RS07J-M
RS07J-M-18 or RS07J-M-08
TJ
Tape and reel
RS07K-M
RS07K-M-18 or RS07K-M-08
TK
Tape and reel
Parameter
Test condition
Part
Symbol
Value
Unit
Maximum repetitive peak reverse
voltage
RS07B-M
VRRM
100
V
RS07D-M
VRRM
200
V
RS07G-M
VRRM
400
V
RS07J-M
VRRM
600
V
RS07K-M
VRRM
800
V
Maximum RMS voltage
RS07B-M
VRMS
70
V
RS07D-M
VRMS
140
V
RS07G-M
VRMS
280
V
RS07J-M
VRMS
420
V
RS07K-M
VRMS
560
V
Maximum DC blocking voltage
RS07B-M
VDC
100
V
RS07D-M
VDC
200
V
RS07G-M
VDC
400
V
RS07J-M
VDC
600
V
RS07K-M
VDC
800
V
Maximum average forward
rectified current
Ttp = 65 °C
IF(AV)
1.4
A
TA = 45 °C
IF(AV)
0.5
A
Peak forward surge current 8.3 ms
half sine-wave
TL = 25 °C
IFSM
30
A


Similar Part No. - RS07K-M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RS07K-M VISHAY-RS07K-M Datasheet
121Kb / 7P
   Fast Rectifier Surface-Mount
01-Jan-2022
More results

Similar Description - RS07K-M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S07B VISHAY-S07B_05 Datasheet
121Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
RS07B VISHAY-RS07B_12 Datasheet
90Kb / 6P
   Small Signal Fast Switching Diode, High Voltage
Rev. 2.0, 30-Aug-10
RS07B VISHAY-RS07B_08 Datasheet
156Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
BAY135 VISHAY-BAY135_12 Datasheet
73Kb / 3P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 02-Aug-12
S07D VISHAY-S07D Datasheet
120Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
S07B-GS18 VISHAY-S07B-GS18_15 Datasheet
123Kb / 8P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
BAY135 VISHAY-BAY135_V01 Datasheet
77Kb / 3P
   Small Signal Fast Switching Diode, High Voltage
01-Jan-2022
1N4151W-V VISHAY-1N4151W-V Datasheet
205Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.2, 06-Apr-05
1N4148W-V VISHAY-1N4148W-V_15 Datasheet
93Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.5, 27-Jul-12
LL4154-M VISHAY-LL4154-M Datasheet
85Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.0, 02-Mar-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com