Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD263C45S50L Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SD263C45S50L
Description  Fast Recovery Diodes (Hockey PUK Version), 375 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD263C45S50L Datasheet(HTML) 6 Page - Vishay Siliconix

  SD263C45S50L Datasheet HTML 1Page - Vishay Siliconix SD263C45S50L Datasheet HTML 2Page - Vishay Siliconix SD263C45S50L Datasheet HTML 3Page - Vishay Siliconix SD263C45S50L Datasheet HTML 4Page - Vishay Siliconix SD263C45S50L Datasheet HTML 5Page - Vishay Siliconix SD263C45S50L Datasheet HTML 6Page - Vishay Siliconix SD263C45S50L Datasheet HTML 7Page - Vishay Siliconix SD263C45S50L Datasheet HTML 8Page - Vishay Siliconix SD263C45S50L Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93173
6
Revision: 14-May-08
SD263C..S50L Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version), 375 A
Fig. 16 - Frequency Characteristics
Fig. 17 - Maximum Total Energy Loss
Per Pulse Characteristics
Fig. 18 - Frequency Characteristics
Fig. 19 - Maximum Total Energy Loss
Per Pulse Characteristics
Fig. 20 - Frequency Characteristics
1E2
1E3
1E4
1E 1
1 E2
1 E3
1E 4
Pulse Basew idth (µs)
50 H z
200
10000
100
4000
d v / dt = 1000V/ u s
400
1000
2000
6000
Si nu so id al Pu l se
3000
1500
SD 263C ..S50L Se rie s
T = 55° C , V
= 1500V
C
RR M
tp
1E2
1E3
1E4
1E1
1E 2
1 E3
1 E4
1
2
Pulse Basew idth (µs)
4
10 jo ules p e r p u ls e
6
0. 5
0.3
Trap ezo id al P uls e
T = 125°C , V
= 1500V
RRM
SD 2 6 3 C ..S5 0 L Se r ie s
dv / dt = 1 0 0 0 V /µ s
d i/ d t = 300A /µ s
J
tp
1E 2
1E 3
1E 4
1E1
1 E 2
1E 3
1 E4
Pulse Basewidth ( µs)
SD 263C ..S50L Se rie s
Tr ape zo i dal Pu ls e
50 H z
100
20 0
400
1000
1500
20 0 0
4000
3000
600
dv / dt = 10 0 0V / us ,
d i/d t = 3 0 0 A /us
T = 5 5°C, V
= 15 00 V
C
RRM
tp
1E2
1E3
1E4
1E1
1E 2
1 E3
1 E4
1
2
Pulse Basew idth (µs)
4
10 jo u les p e r p u ls e
6
0. 5
0.3
T rape z oi dal Pu lse
T = 1 2 5°C , V
= 1 5 0 0 V
RRM
SD 263C ..S50L S eri es
dv / d t = 1 0 0 0 V/ µ s
di /d t = 1 0 0 A / µ s
J
tp
1E 2
1E 3
1E 4
1E1
1 E 2
1E 3
1 E4
Pulse Basew idth (µs)
SD 263C.. S50L Se rie s
Trap ezoi da l Pulse
50 H z
10 0
20 0
400
1000
1500
2000
4000
3000
60 0
T = 55°C , V
= 1500V
RRM
6000
dv / dt = 1000V/ u s,
di /d t = 100A / u s
C
tp


Similar Part No. - SD263C45S50L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD263C45S50L VISHAY-SD263C45S50L Datasheet
204Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
Revision: 14-May-08
More results

Similar Description - SD263C45S50L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD263CS50L VISHAY-VS-SD263CS50L_V01 Datasheet
237Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
01-Jan-2022
SD263C30S50L VISHAY-SD263C30S50L Datasheet
204Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
Revision: 14-May-08
VS-SD263CS50L VISHAY-VS-SD263CS50L Datasheet
258Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
Revision: 04-Apr-14
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com