Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD303C04S10C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SD303C04S10C
Description  Fast Recovery Diodes (Hockey PUK Version), 350 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD303C04S10C Datasheet(HTML) 2 Page - Vishay Siliconix

  SD303C04S10C Datasheet HTML 1Page - Vishay Siliconix SD303C04S10C Datasheet HTML 2Page - Vishay Siliconix SD303C04S10C Datasheet HTML 3Page - Vishay Siliconix SD303C04S10C Datasheet HTML 4Page - Vishay Siliconix SD303C04S10C Datasheet HTML 5Page - Vishay Siliconix SD303C04S10C Datasheet HTML 6Page - Vishay Siliconix SD303C04S10C Datasheet HTML 7Page - Vishay Siliconix SD303C04S10C Datasheet HTML 8Page - Vishay Siliconix SD303C04S10C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93174
2
Revision: 04-Aug-08
SD303C..C Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version), 350 A
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE PEAK
AND OFF-STATE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = 125 °C
mA
SD303C..S10C
04
400
500
35
08
800
900
10
1000
1100
SD303C..S15C
12
1200
1300
14
1400
1500
16
1600
1700
SD303C..S20C
20
2000
2100
25
2500
2600
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at heatsink temperature
IF(AV)
180° conduction, half sine wave
Double side (single side) cooled
350 (175)
A
55 (75)
°C
Maximum RMS current
IF(RMS)
25 °C heatsink temperature double side cooled
550
A
Maximum peak, one-cycle ,
non-repetitive forward current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
5770
t = 8.3 ms
6040
t = 10 ms
100 % VRRM
reapplied
4850
t = 8.3 ms
5080
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
166
kA2s
t = 8.3 ms
152
t = 10 ms
100 % VRRM
reapplied
117
t = 8.3 ms
107
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
1660
kA2
√s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
1.14
V
High level value of threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ = TJ maximum
1.63
Low level of forward slope resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
1.14
m
Ω
High level of forward slope resistance
rf2
(I >
π x I
F(AV)), TJ = TJ maximum
0.77
Maximum forward voltage drop
VFM
Ipk = 1100 A, TJ = 25 °C; tp = 10 ms sinusoidal wave
2.26
V
RECOVERY CHARACTERISTICS
CODE
MAXIMUM VALUE
AT TJ = 25 °C
TEST CONDITIONS
TYPICAL VALUES
AT TJ = 125 °C
trr AT 25 % IRRM
(µs)
Ipk
SQUARE
PULSE
(A)
dI/dt
(A/µs)
Vr
(V)
trr AT 25 % IRRM
(µs)
Qrr
(µC)
Irr
(A)
S10
1.0
750
25
- 30
2.4
52
33
S15
1.5
2.9
90
44
S20
2.0
3.2
107
46
I
FM
t
rr
dir
dt
I
RM(REC)
Q
rr
t


Similar Part No. - SD303C04S10C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD303C04S10C IRF-SD303C04S10C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD303C04S10C VISHAY-SD303C04S10C Datasheet
263Kb / 10P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 04-Aug-08
More results

Similar Description - SD303C04S10C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD303CC VISHAY-VS-SD303CC_V01 Datasheet
290Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
01-Jan-2022
SD303C04S10C VISHAY-SD303C04S10C Datasheet
263Kb / 10P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 04-Aug-08
VS-SD303CC VISHAY-VS-SD303CC Datasheet
306Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 15-Apr-14
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com