Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD303C16S15C Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SD303C16S15C
Description  Fast Recovery Diodes (Hockey PUK Version), 350 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD303C16S15C Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SD303C16S15C Datasheet HTML 3Page - Vishay Siliconix SD303C16S15C Datasheet HTML 4Page - Vishay Siliconix SD303C16S15C Datasheet HTML 5Page - Vishay Siliconix SD303C16S15C Datasheet HTML 6Page - Vishay Siliconix SD303C16S15C Datasheet HTML 7Page - Vishay Siliconix SD303C16S15C Datasheet HTML 8Page - Vishay Siliconix SD303C16S15C Datasheet HTML 9Page - Vishay Siliconix SD303C16S15C Datasheet HTML 10Page - Vishay Siliconix SD303C16S15C Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93174
8
Revision: 04-Aug-08
SD303C..C Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version), 350 A
Fig. 22 - Maximum Total Energy Loss Per Pulse Characteristics
Fig. 23 - Maximum Total Energy Loss Per Pulse Characteristics
1E 1
1E 2
1E 3
1E 4
1E 1
1 E 2
1E 3
1 E4
1
2
0.1
Pu lse B a se w id t h (µ s)
4
dv /dt = 1000V/ µ s
Sinu so idal P ulse
20 jo ules p e r p ulse
10
0.4
0.2
0.04
0.0 2
SD 303C..S15 C Se ri es
T = 1 2 5°C, V
= 1 7 6 0 V
J
RRM
tp
1E1
1 E 2
1 E 3
1 E 4
1
2
Pu lse B a se w id th ( µ s)
4
20 jo ule s p er p ulse
10
0.4
0.2
T rape zo idal Pu lse
d v/dt = 1 0 0 0 V/µs ; di /dt= 5 0 A/ µ s
T = 125°C , V
= 1760V
J
RRM
SD 303C..S15C Se rie s
tp
1E 1
1E 2
1E 3
1E 4
1E 1
1 E 2
1 E 3
1 E4
1
2
0.1
Pu lse B a se w id t h ( µ s)
4
dv / dt = 1 0 0 0 V/ µs
Sin uso ida l Pu lse
20 jo u le s per pu ls e
10
0. 4
0.2
0. 04
T = 125°C, V
= 1760 V
J
RR M
SD3 0 3 C..S2 0 C Se rie s
tp
1E1
1 E2
1 E 3
1 E4
1
2
Pu lse B a se w id th ( µ s)
4
20 jo ule s p er p ulse
10
0.4
0.2
T rape zo ida l Pul se
dv / dt = 1000V/ µs ; di / dt= 50A/ µ s
SD 303C..S20C Se rie s
T = 125°C , V
= 1760V
J
RRM
tp


Similar Part No. - SD303C16S15C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD303C16S15C IRF-SD303C16S15C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD303C16S15C VISHAY-SD303C16S15C Datasheet
263Kb / 10P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 04-Aug-08
More results

Similar Description - SD303C16S15C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD303CC VISHAY-VS-SD303CC_V01 Datasheet
290Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
01-Jan-2022
SD303C04S10C VISHAY-SD303C04S10C Datasheet
263Kb / 10P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 04-Aug-08
VS-SD303CC VISHAY-VS-SD303CC Datasheet
306Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 15-Apr-14
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com