Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD303C25S20C Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SD303C25S20C
Description  Fast Recovery Diodes (Hockey PUK Version), 350 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD303C25S20C Datasheet(HTML) 4 Page - Vishay Siliconix

  SD303C25S20C Datasheet HTML 1Page - Vishay Siliconix SD303C25S20C Datasheet HTML 2Page - Vishay Siliconix SD303C25S20C Datasheet HTML 3Page - Vishay Siliconix SD303C25S20C Datasheet HTML 4Page - Vishay Siliconix SD303C25S20C Datasheet HTML 5Page - Vishay Siliconix SD303C25S20C Datasheet HTML 6Page - Vishay Siliconix SD303C25S20C Datasheet HTML 7Page - Vishay Siliconix SD303C25S20C Datasheet HTML 8Page - Vishay Siliconix SD303C25S20C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93174
4
Revision: 04-Aug-08
SD303C..C Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version), 350 A
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - Forward Power Loss Characteristics
Fig. 6 - Forward Power Loss Characteristics
60
70
80
90
100
110
120
130
0
2 0
40
6 0
8 0 1 00 120 140 160 1 80
30 °
60°
90°
12 0°
180°
Av erag e Forw ard Current (A)
Co nd uc tio n A ng le
SD3 03C..C Series
(Sin gle Side Cooled)
R
(DC) = 0.1 6 K/W
th J -hs
50
60
70
80
90
10 0
11 0
12 0
13 0
0
5 0
1 00
150
2 0 0
250
3 0 0
30°
60°
90°
180°
DC
120°
A v e rag e Fo r w ard C u rre n t ( A )
S D 303C ..C S e ries
(S in g le Sid e C o o le d )
R
( D C ) = 0 .1 6 K /W
thJ -hs
Co nd uc tio n P e rio d
40
50
60
70
80
90
10 0
11 0
12 0
13 0
0
50
10 0 15 0 2 00 25 0 30 0 35 0 40 0
30°
60°
90°
120°
180°
Aver age For ward Curr en t (A)
Co nd uc tio n A ng le
SD303 C..C Series
(D ouble Side Cooled)
R
(DC) = 0 .08 K/W
thJ -h s
40
50
60
70
80
90
10 0
11 0
12 0
13 0
0
1 00
200
3 00
400
50 0
600
30°
60 °
90°
180°
DC
120°
Average Forwa rd Curr en t (A)
Co nd uc tio n Pe rio d
SD3 03C..C Series
(D ouble Side Cooled)
R
(DC) = 0.08 K/W
th J- hs
0
10 0
20 0
30 0
40 0
50 0
60 0
70 0
80 0
0
5 0
1 00 150 2 00 2 5 0 3 00 350 4 0 0
18 0 °
12 0 °
90°
60°
30°
A v e rag e Fo rw ard C u rre n t ( A )
RM S L im it
Co nd uc tio n An g le
SD 3 0 3 C ..C Se rie s
T = 1 2 5°C
J
0
10 0
20 0
30 0
40 0
50 0
60 0
70 0
80 0
90 0
10 00
01 0 0
2 0 0
3 0 0
4 0 0
5 0 0
6 0 0
DC
18 0 °
12 0 °
90°
60°
30°
A v e rag e Fo rw ard C u r re n t ( A )
RM S L im it
Co nd uct io n Pe rio d
SD 3 0 3 C ..C Se rie s
T = 1 2 5°C
J


Similar Part No. - SD303C25S20C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD303C25S20C IRF-SD303C25S20C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD303C25S20C VISHAY-SD303C25S20C Datasheet
263Kb / 10P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 04-Aug-08
More results

Similar Description - SD303C25S20C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD303CC VISHAY-VS-SD303CC_V01 Datasheet
290Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
01-Jan-2022
SD303C04S10C VISHAY-SD303C04S10C Datasheet
263Kb / 10P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 04-Aug-08
VS-SD303CC VISHAY-VS-SD303CC Datasheet
306Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 15-Apr-14
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com