Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD700C30L Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SD700C30L
Description  Standard Recovery Diodes (Hockey PUK Version), 700 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD700C30L Datasheet(HTML) 4 Page - Vishay Siliconix

  SD700C30L_12 Datasheet HTML 1Page - Vishay Siliconix SD700C30L_12 Datasheet HTML 2Page - Vishay Siliconix SD700C30L_12 Datasheet HTML 3Page - Vishay Siliconix SD700C30L_12 Datasheet HTML 4Page - Vishay Siliconix SD700C30L_12 Datasheet HTML 5Page - Vishay Siliconix SD700C30L_12 Datasheet HTML 6Page - Vishay Siliconix SD700C30L_12 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93552
4
Revision: 14-May-08
SD700C..L Series
Vishay High Power Products Standard Recovery Diodes
(Hockey PUK Version), 700 A
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - Forward Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
20 0 0
30 0 0
40 0 0
50 0 0
60 0 0
70 0 0
0
0
1
0
1
1
N um b e r O f Eq ua l A m p lit ud e H a lf C y cle C urre nt P uls e s (N )
SD700 C..L Series
In itial T = 15 0 °C
@ 60 Hz 0.0 083 s
@ 50 Hz 0.0 100 s
J
At Any Rated Load Con dition And W ith
50 % Rated V
Applied Followin g Surge
RR M
1000
2000
3000
4000
5000
6000
7000
8000
9000
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Curr en t
SD7 00C..L Series
5 0% Rated V
Reapplied
No Voltage Reapplied
In itial T = 15 0 °C
RR M
J
Versus Pulse Train Duration.
100
10 0 0
10000
0 .5
1
1. 52
2 .53
3 .54
T = 2 5°C
J
Ins tan tan eous Forward Voltage (V)
SD 700C..L Series
T = 150°C
J
0. 0 0 1
0. 01
0. 1
1
0
1
1
1
.
0
1
0
.
0
1
0
0
.
0
Squ a re W a v e P ulse D u rat io n ( s)
SD 7 0 0 C .. L Se rie s
St e a d y St a te V alue
R
= 0 . 1 1 K /W
(S in g le Sid e C o o le d )
R
= 0 . 0 5 K /W
( D oub le Sid e C o ole d )
(D C O pe ra tio n )
thJ -hs
thJ -hs


Similar Part No. - SD700C30L_12

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
SD700C30L TEL-SD700C30L Datasheet
161Kb / 1P
   STANDARD RECOVERY DIODE
logo
Vishay Siliconix
SD700C30L VISHAY-SD700C30L Datasheet
124Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 700 A
Revision: 14-May-08
More results

Similar Description - SD700C30L_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD700CL VISHAY-VS-SD700CL Datasheet
156Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 700 A
Revision: 18-Mar-15
SD700C30L VISHAY-SD700C30L Datasheet
124Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 700 A
Revision: 14-May-08
VS-SD700CL VISHAY-VS-SD700CL_V01 Datasheet
186Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 700 A
01-Jan-2022
SD703C12S20L VISHAY-SD703C12S20L_12 Datasheet
541Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 700/790 A
Revision: 14-May-08
SD703C12S20L VISHAY-SD703C12S20L Datasheet
526Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 700/790 A
Revision: 14-May-08
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com