Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD853C36S50K Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SD853C36S50K
Description  Fast Recovery Diodes (Hockey PUK Version), 990 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD853C36S50K Datasheet(HTML) 5 Page - Vishay Siliconix

  SD853C36S50K Datasheet HTML 1Page - Vishay Siliconix SD853C36S50K Datasheet HTML 2Page - Vishay Siliconix SD853C36S50K Datasheet HTML 3Page - Vishay Siliconix SD853C36S50K Datasheet HTML 4Page - Vishay Siliconix SD853C36S50K Datasheet HTML 5Page - Vishay Siliconix SD853C36S50K Datasheet HTML 6Page - Vishay Siliconix SD853C36S50K Datasheet HTML 7Page - Vishay Siliconix SD853C36S50K Datasheet HTML 8Page - Vishay Siliconix SD853C36S50K Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 93182
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
5
SD853C..S50K Series
Fast Recovery Diodes
(Hockey PUK Version), 990 A
Vishay High Power Products
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - Forward Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
Fig. 11 - Typical Forward Recovery Characteristics
4000
6000
8000
10000
12000
14000
16000
18000
110
100
Number Of Equa l Amplitude Half Cyc le Current Pulses (N)
SD853C..S50K Series
Initial T = 125 °C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
At Any Rated Load Condition And With
50%Rated V
Applied Following Surge
RRM
4000
6000
8000
10000
12000
14000
16000
18000
20000
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
SD853C..S50K Series
Initial T = 125°C
Versus Pulse Train Duration.
No Voltage Reapplied
50%Rated V
Reapplied
RRM
J
100
1000
10000
1
2345
6
78
9
T = 25°C
J
InstantaneousForward Voltage (V)
T = 125°C
J
SD853C..S50K Series
0.0001
0.001
0.01
0.1
0.001
0.01
0.1
1
10
100
Square Wave Pulse Duration (s)
Steady State Value
R
= 0.04 K/ W
(Single Side Cooled)
R
= 0.02 K/ W
(Double Sid e Cooled)
(DC Operation)
thJ-hs
thJ-hs
SD853C..S50K Series
0
50
100
150
200
250
300
0
200
400
600
800
1000
1200
1400
1600
1800
2000
T = 125°C
T = 25°C
J
J
SD853C..S50K Series
Rate Of Rise Of Forward Current - di/ dt (A/ us)
I
V
FP


Similar Part No. - SD853C36S50K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD853C36S50K VISHAY-SD853C36S50K Datasheet
231Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 990 A
Revision: 14-May-08
More results

Similar Description - SD853C36S50K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD853C30S50K VISHAY-SD853C30S50K Datasheet
231Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 990 A
Revision: 14-May-08
VS-SD853CS50K VISHAY-VS-SD853CS50K Datasheet
285Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 990 A
Revision: 15-Apr-14
VS-SD853CS50K VISHAY-VS-SD853CS50K_V01 Datasheet
268Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 990 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com