Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD823C25C Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SD823C25C
Description  Fast Recovery Diodes (Hockey PUK Version), 810/910 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD823C25C Datasheet(HTML) 4 Page - Vishay Siliconix

  SD823C25C Datasheet HTML 1Page - Vishay Siliconix SD823C25C Datasheet HTML 2Page - Vishay Siliconix SD823C25C Datasheet HTML 3Page - Vishay Siliconix SD823C25C Datasheet HTML 4Page - Vishay Siliconix SD823C25C Datasheet HTML 5Page - Vishay Siliconix SD823C25C Datasheet HTML 6Page - Vishay Siliconix SD823C25C Datasheet HTML 7Page - Vishay Siliconix SD823C25C Datasheet HTML 8Page - Vishay Siliconix SD823C25C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93181
4
Revision: 14-May-08
SD823C..C Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version),
810/910 A
Fig. 5 - Current Ratings Characteristics
Fig. 6 - Current Ratings Characteristics
Fig. 7 - Current Ratings Characteristics
Fig. 8 - Current Ratings Characteristics
Fig. 9 - Forward Power Loss Characteristics
Fig. 10 - Forward Power Loss Characteristics
0
20
40
60
80
100
120
140
160
0
200
400
600
800
1000
30°
60°
90° 120°
180°
Average Forward Current (A)
Conduc tion Angle
SD823C..S20C Series
(Double Side Cooled)
R
(DC) = 0.038 K/ W
thJ-hs
0
20
40
60
80
100
120
140
160
0
250
500
750
1000
1250 1500
30°
60°
90°
180°
DC
120°
Average Forward Current (A)
Conduction Period
SD823C..S20C Series
(Double Side Cooled)
R
(DC) = 0.038 K/ W
thJ-hs
0
20
40
60
80
100
120
140
160
0
200
400
600
800
1000
1200
30°
60°
90°
120°
180°
Average Forward Current (A)
Conduction Angle
SD823C..S30C Series
(Double Side Cooled)
R
(DC) = 0.038 K/ W
thJ-hs
0
20
40
60
80
100
120
140
160
0
400
800
1200
1600
2000
30° 60°
90°
180°
DC
120°
Average Forward Current (A)
Conduc tion Period
SD823C..S30C Series
(Double Side Cooled)
R
(DC) = 0.038 K/ W
thJ-hs
0
500
1000
1500
2000
2500
3000
0
200
400
600
800
1000
180°
120°
90°
60°
30°
Average Forward Current (A)
RMSLimit
Cond uc tion Angle
SD823C..S20C Series
T = 150°C
J
0
500
1000
1500
2000
2500
3000
3500
0
200 400 600 800 1000 1200 1400 1600
DC
180°
120°
90°
60°
30°
Average Forward Current (A)
RMSLimit
Conduc tion Period
SD823C..S20C Series
T = 150°C
J


Similar Part No. - SD823C25C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD823C25S20C VISHAY-SD823C25S20C Datasheet
396Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 810/910 A
Revision: 14-May-08
SD823C25S30C VISHAY-SD823C25S30C Datasheet
396Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 810/910 A
Revision: 14-May-08
More results

Similar Description - SD823C25C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD823C12S20C VISHAY-SD823C12S20C Datasheet
396Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 810/910 A
Revision: 14-May-08
VS-SD823CC VISHAY-VS-SD823CC Datasheet
425Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 810 A/910 A
Revision: 14-Jan-14
VS-SD823CC VISHAY-VS-SD823CC_V01 Datasheet
407Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 810 A, 910 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com