Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD2000C04L Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SD2000C04L
Description  Standard Recovery Diodes (Hockey PUK Version), 2100 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD2000C04L Datasheet(HTML) 6 Page - Vishay Siliconix

  SD2000C04L Datasheet HTML 1Page - Vishay Siliconix SD2000C04L Datasheet HTML 2Page - Vishay Siliconix SD2000C04L Datasheet HTML 3Page - Vishay Siliconix SD2000C04L Datasheet HTML 4Page - Vishay Siliconix SD2000C04L Datasheet HTML 5Page - Vishay Siliconix SD2000C04L Datasheet HTML 6Page - Vishay Siliconix SD2000C04L Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 95246
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 05-Nov-07
1
DO-200AB (B-PUK)
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
53 (2.09) DIA. MAX.
Quote between upper and lower pole pieces has to be considered after
application of mounting force (see Thermal and Mechanical Specifications)
3.5 (0.14) DIA. NOM. x
1.8 (0.07) deep MIN. both ends
0.8 (0.03)
both ends
34 (1.34) DIA. MAX.
2 places


Similar Part No. - SD2000C04L

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
SD2000C04L TEL-SD2000C04L Datasheet
161Kb / 1P
   STANDARD RECOVERY DIODE
logo
Vishay Siliconix
SD2000C04L VISHAY-SD2000C04L Datasheet
124Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
More results

Similar Description - SD2000C04L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD1700C24K VISHAY-SD1700C24K_12 Datasheet
173Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
VS-SD2000CL VISHAY-VS-SD2000CL Datasheet
150Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 04-Apr-14
SD2000C04L VISHAY-SD2000C04L Datasheet
124Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
SD1700C24K VISHAY-SD1700C24K Datasheet
159Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
VS-SD2000CL VISHAY-VS-SD2000CL_V01 Datasheet
163Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 2100 A
01-Jan-2022
VS-SD1700CK VISHAY-VS-SD1700CK_V01 Datasheet
205Kb / 8P
    Standard Recovery Diodes, (Hockey PUK), 2100 A
01-Jan-2022
VS-SD1700CK VISHAY-VS-SD1700CK Datasheet
222Kb / 8P
   Standard Recovery Diodes (Hockey PUK), 2100 A
Revision: 15-Apr-14
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com