Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD2000C08L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SD2000C08L
Description  Standard Recovery Diodes (Hockey PUK Version), 2100 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD2000C08L Datasheet(HTML) 1 Page - Vishay Siliconix

  SD2000C08L Datasheet HTML 1Page - Vishay Siliconix SD2000C08L Datasheet HTML 2Page - Vishay Siliconix SD2000C08L Datasheet HTML 3Page - Vishay Siliconix SD2000C08L Datasheet HTML 4Page - Vishay Siliconix SD2000C08L Datasheet HTML 5Page - Vishay Siliconix SD2000C08L Datasheet HTML 6Page - Vishay Siliconix SD2000C08L Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 93540
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
1
Standard Recovery Diodes
(Hockey PUK Version), 2100 A
SD2000C..L Series
Vishay High Power Products
FEATURES
• Wide current range
• High voltage ratings up to 1000 V
• High surge current capabilities
• Diffused junction
• Hockey PUK version
• Case style DO-200AB (B-PUK)
• Lead (Pb)-free
TYPICAL APPLICATIONS
• Converters
• Power supplies
• High power drives
• Auxiliary system supplies for traction applications
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IF(AV)
2100 A
DO-200AB (B-PUK)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IF(AV)
2100
A
Ths
55
°C
IF(RMS)
3900
A
Ths
25
°C
IFSM
50 Hz
23 900
A
60 Hz
25 000
I2t
50 Hz
2857
kA2s
60 Hz
2608
VRRM
Range
400 to 1000
V
TJ
- 40 to 180
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = 180 °C
mA
SD2000C..L
04
400
500
60
08
800
900
10
1000
1100


Similar Part No. - SD2000C08L

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
SD2000C08L TEL-SD2000C08L Datasheet
161Kb / 1P
   STANDARD RECOVERY DIODE
logo
Vishay Siliconix
SD2000C08L VISHAY-SD2000C08L Datasheet
124Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
More results

Similar Description - SD2000C08L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD1700C24K VISHAY-SD1700C24K_12 Datasheet
173Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
VS-SD2000CL VISHAY-VS-SD2000CL Datasheet
150Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 04-Apr-14
SD2000C04L VISHAY-SD2000C04L Datasheet
124Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
SD1700C24K VISHAY-SD1700C24K Datasheet
159Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
VS-SD2000CL VISHAY-VS-SD2000CL_V01 Datasheet
163Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 2100 A
01-Jan-2022
VS-SD1700CK VISHAY-VS-SD1700CK_V01 Datasheet
205Kb / 8P
    Standard Recovery Diodes, (Hockey PUK), 2100 A
01-Jan-2022
VS-SD1700CK VISHAY-VS-SD1700CK Datasheet
222Kb / 8P
   Standard Recovery Diodes (Hockey PUK), 2100 A
Revision: 15-Apr-14
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com