Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD3000C08K Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SD3000C08K
Description  Standard Recovery Diodes (Hockey PUK Version), 3800 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD3000C08K Datasheet(HTML) 3 Page - Vishay Siliconix

  SD3000C08K Datasheet HTML 1Page - Vishay Siliconix SD3000C08K Datasheet HTML 2Page - Vishay Siliconix SD3000C08K Datasheet HTML 3Page - Vishay Siliconix SD3000C08K Datasheet HTML 4Page - Vishay Siliconix SD3000C08K Datasheet HTML 5Page - Vishay Siliconix SD3000C08K Datasheet HTML 6Page - Vishay Siliconix SD3000C08K Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93543
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
3
SD3000C..K Series
Standard Recovery Diodes
(Hockey PUK Version),
3800 A
Vishay High Power Products
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - Forward Power Loss Characteristics
Fig. 6 - Forward Power Loss Characteristics
40
60
80
100
120
140
160
180
0
5 00
10 00
150 0
200 0
25 00
30 °
60 °
90°
120°
180 °
A v e ra g e Fo rw a rd C urre n t ( A )
Co nd uctio n A ng le
SD 3 0 0 0 C ..K Se rie s
(Sin g le S id e C o o le d )
R
( D C ) = 0 .04 2 K / W
thJ -hs
20
40
60
80
100
120
140
160
180
01 0 0 0
2 0 0 0
3 0 0 0
4 0 0 0
30°
60°
90 °
18 0 °
DC
12 0 °
A v e rag e Fo rw ard C u rre n t ( A )
C o nd uc tion Period
SD 3 0 0 0 C ..K Se rie s
(Sin g le S id e C o o le d )
R
( D C ) = 0 .0 4 2 K / W
thJ -h s
20
40
60
80
100
120
140
160
180
0
1 0 002 00 03 00 04 00 0
30°
60 °
90°
120°
180°
Average Forward Curren t (A)
Co n d uc tio n A ng le
SD30 00C..K Series
(Double Side Cooled)
R
(D C) = 0.020 K/W
th J- hs
20
40
60
80
100
120
140
160
180
0
1 000 2 000 3 00 0 4 000 5 0 0 0 6 00 0 7 00 0
30°
60°
90°
18 0 °
DC
120 °
A v e rag e Fo rw ard C u rre n t ( A )
Co nd uc tio n Perio d
SD 3 0 0 0 C ..K Se rie s
( D ou b le S id e C o oled )
R
( D C ) = 0 .0 2 0 K / W
th J- hs
0
10 0 0
20 0 0
30 0 0
40 0 0
50 0 0
60 0 0
70 0 0
0
1 000
2 000
3 000
4000
180°
120°
90°
60°
30°
Av erage Forwar d Current (A)
RMS Lim it
Co n d uc tion An g le
SD 3000C..K Series
T = 18 0°C
J
0
10 0 0
20 0 0
30 0 0
40 0 0
50 0 0
60 0 0
70 0 0
80 0 0
0
1000 2 000 3 000 4000 5000 6 000 7000
DC
180°
120°
90°
60°
30°
Aver age Forward Current (A)
RMS Limit
C o nd uc tion Period
SD 3000 C..K Series
T = 18 0°C
J


Similar Part No. - SD3000C08K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD3000C08K VISHAY-SD3000C08K Datasheet
122Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 3800 A
Revision: 14-May-08
More results

Similar Description - SD3000C08K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD3000CK VISHAY-VS-SD3000CK Datasheet
188Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 3800 A
Revision: 15-Apr-14
VS-SD3000CK VISHAY-VS-SD3000CK_V01 Datasheet
171Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 3800 A
01-Jan-2022
SD3000C04K VISHAY-SD3000C04K Datasheet
122Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 3800 A
Revision: 14-May-08
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com