Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C67079-A1042-A11 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # C67079-A1042-A11
Description  SITACO AC Switches Without Zero Voltage Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67079-A1042-A11 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  C67079-A1042-A11 Datasheet HTML 1Page - Siemens Semiconductor Group C67079-A1042-A11 Datasheet HTML 2Page - Siemens Semiconductor Group C67079-A1042-A11 Datasheet HTML 3Page - Siemens Semiconductor Group C67079-A1042-A11 Datasheet HTML 4Page - Siemens Semiconductor Group C67079-A1042-A11 Datasheet HTML 5Page - Siemens Semiconductor Group C67079-A1042-A11 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Semiconductor Group
1
12.96
BRT 11, BRT 12, BRT 13
SITAC® AC Switches
Without Zero Voltage Switch
• AC switch without zero-voltage detector
• Electrically insulated between input and output circuit
• Microcomputer-compatible by very low trigger current
• UL-tested (file no. E 52744), code letter "J"
• Available with the following options:
Option 1: VDE 0884-approved
Option 6: Pins in 10.16 mm spacing
Option 7: Pins for sourface mounting
Type
Opt.
VDRM
ITRMS
Ordering Code
Marking
d
v/dtcr
IFT
C67079-A1000-A6
BRT 11 H
10 kV/µs
2 mA
300 mA
400 V
-
BRT 11 H
BRT 11 M
400 V
-
300 mA
10 kV/µs
C67079-A1000-A10
BRT 11 M
3 mA
10 kV/µs
BRT 12 H
-
300 mA
2 mA
600 V
BRT 12 H
C67079-A1001-A6
BRT 12 H
2 mA
BRT 12 H
C67079-A1041-A5
300 mA
600 V
1
10 kV/µs
600 V
6
BRT 12 H
BRT 12 H
300 mA
C67079-A1041-A8
10 kV/µs
2 mA
BRT 12 H
300 mA
10 kV/µs
C67079-A1041-A11
BRT 12 H
2 mA
600 V
7
BRT 12 H
1 + 6
300 mA
600 V
BRT 12 H
C67079-A1041-A14
10 kV/µs
2 mA
C67079-A1001-A10
BRT 12 M
10 kV/µs
3 mA
300 mA
600 V
-
BRT 12 M
BRT 12 M 1
3 mA
300 mA
600 V
10 kV/µs
C67079-A1041-A6
BRT 12 M
2 mA
10 kV/µs
BRT 13 H
-
800 V
BRT 13 H
C67079-A1002-A6
300 mA
BRT 13 H
10 kV/µs
C67079-A1042-A8
BRT 13 H
6
300 mA
800 V
2 mA
800 V
BRT 13 H
300 mA
2 mA
BRT 13 H
7
C67079-A1042-A11
10 kV/µs
C67079-A1002-A10
BRT 13 M -
800 V
300 mA
3 mA
10 kV/µs
BRT 13 M
Information
Package
Pin Configuration
1
2
3
4
5
6
50 pcs per tube P-DIP-6
Anode
Kathode not
connected
A1
do not
connect
A2
Cathode


Similar Part No. - C67079-A1042-A11

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67079-A1020-A6 SIEMENS-C67079-A1020-A6 Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
C67079-A1021-A10 SIEMENS-C67079-A1021-A10 Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
C67079-A1021-A6 SIEMENS-C67079-A1021-A6 Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
C67079-A1022-A10 SIEMENS-C67079-A1022-A10 Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
C67079-A1022-A6 SIEMENS-C67079-A1022-A6 Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
More results

Similar Description - C67079-A1042-A11

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BRT21 SIEMENS-BRT21 Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
logo
ON Semiconductor
CA3059 ONSEMI-CA3059_06 Datasheet
181Kb / 6P
   Zero Voltage Switch
July, 2006 ??Rev. 2
CA3059 ONSEMI-CA3059 Datasheet
79Kb / 8P
   Zero Voltage Switch
August, 2001 ??Rev. 1
logo
Motorola, Inc
CA3059 MOTOROLA-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
logo
Zarlink Semiconductor I...
SL441C ZARLINK-SL441C Datasheet
92Kb / 5P
   ZERO VOLTAGE SWITCH
logo
Motorola, Inc
MC3370P MOTOROLA-MC3370P Datasheet
155Kb / 3P
   ZERO VOLTAGE SWITCH
logo
List of Unclassifed Man...
SL443A ETC-SL443A Datasheet
164Kb / 4P
   ZERO VOLTAGE SWITCH
logo
ON Semiconductor
CA3059 ONSEMI-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
August, 2001 ??Rev. 1
logo
Unisonic Technologies
A2804 UTC-A2804_15 Datasheet
245Kb / 4P
   ZERO VOLTAGE SWITCH
A2804 UTC-A2804 Datasheet
39Kb / 4P
   ZERO VOLTAGE SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com