Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C67079-A1052-A11 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # C67079-A1052-A11
Description  SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67079-A1052-A11 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  C67079-A1052-A11 Datasheet HTML 1Page - Siemens Semiconductor Group C67079-A1052-A11 Datasheet HTML 2Page - Siemens Semiconductor Group C67079-A1052-A11 Datasheet HTML 3Page - Siemens Semiconductor Group C67079-A1052-A11 Datasheet HTML 4Page - Siemens Semiconductor Group C67079-A1052-A11 Datasheet HTML 5Page - Siemens Semiconductor Group C67079-A1052-A11 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Semiconductor Group
5
12.96
BRT 21, BRT 22, BRT 23
Characteristics
at Tj = 25 °C, unless otherwise specified.
Typical input characteristics
IF = ƒ(VF)
Typical output characteristics
IT = ƒ(VT)
Current reduction ITRMS = ƒ(TPIN5)
RthJ-PIN5 = 16,5 K/W 4)
Current reduction ITRMS = ƒ(TA)
RthJA = 125 K/W 3)
Tj


Similar Part No. - C67079-A1052-A11

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67079-A1000-A10 SIEMENS-C67079-A1000-A10 Datasheet
167Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch
C67079-A1000-A6 SIEMENS-C67079-A1000-A6 Datasheet
167Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch
C67079-A1001-A10 SIEMENS-C67079-A1001-A10 Datasheet
167Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch
C67079-A1001-A6 SIEMENS-C67079-A1001-A6 Datasheet
167Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch
C67079-A1002-A10 SIEMENS-C67079-A1002-A10 Datasheet
167Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch
More results

Similar Description - C67079-A1052-A11

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BRT11 SIEMENS-BRT11 Datasheet
167Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch
logo
ON Semiconductor
CA3059 ONSEMI-CA3059_06 Datasheet
181Kb / 6P
   Zero Voltage Switch
July, 2006 ??Rev. 2
CA3059 ONSEMI-CA3059 Datasheet
79Kb / 8P
   Zero Voltage Switch
August, 2001 ??Rev. 1
logo
Motorola, Inc
CA3059 MOTOROLA-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
logo
Zarlink Semiconductor I...
SL441C ZARLINK-SL441C Datasheet
92Kb / 5P
   ZERO VOLTAGE SWITCH
logo
Motorola, Inc
MC3370P MOTOROLA-MC3370P Datasheet
155Kb / 3P
   ZERO VOLTAGE SWITCH
logo
List of Unclassifed Man...
SL443A ETC-SL443A Datasheet
164Kb / 4P
   ZERO VOLTAGE SWITCH
logo
ON Semiconductor
CA3059 ONSEMI-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
August, 2001 ??Rev. 1
logo
Unisonic Technologies
A2804 UTC-A2804_15 Datasheet
245Kb / 4P
   ZERO VOLTAGE SWITCH
A2804 UTC-A2804 Datasheet
39Kb / 4P
   ZERO VOLTAGE SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com