Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DZ23C16-V Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DZ23C16-V
Description  Small Signal Zener Diodes, Dual
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DZ23C16-V Datasheet(HTML) 2 Page - Vishay Siliconix

  DZ23C16-V Datasheet HTML 1Page - Vishay Siliconix DZ23C16-V Datasheet HTML 2Page - Vishay Siliconix DZ23C16-V Datasheet HTML 3Page - Vishay Siliconix DZ23C16-V Datasheet HTML 4Page - Vishay Siliconix DZ23C16-V Datasheet HTML 5Page - Vishay Siliconix DZ23C16-V Datasheet HTML 6Page - Vishay Siliconix DZ23C16-V Datasheet HTML 7Page - Vishay Siliconix DZ23C16-V Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DZ23-V-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 02-Feb-12
2
Document Number: 85765
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1)
Tested with pulses tp = 5 ms
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE
RANGE (1)
TEST
CURRENT
REVERSE
VOLTAGE
DYNAMIC
RESISTANCE
f = 1 kHz
TEMPERATURE
COEFFICIENT OF
ZENER VOLTAGE
VZ at IZT1
IZT1
IZT2
VR at IR
ZZ at IZT1 ZZK at IZT2
VZ at IZT1
V
mA
V
nA
10-4/°C
MIN.
NOM.
MAX.
MAX.
MAX.
MAX.
MIN.
MAX.
DZ23C2V7-V
V1
2.5
2.7
2.9
5
1
-
-
75 (< 83)
< 500
- 9
- 4
DZ23C3V0-V
V2
2.8
3.0
3.2
5
1
-
-
80 (< 95)
< 500
- 9
- 3
DZ23C3V3-V
V3
3.1
3.3
3.5
5
1
-
-
80 (< 95)
< 500
- 8
- 3
DZ23C3V6-V
V4
3.4
3.6
3.8
5
1
-
-
80 (< 95)
< 500
- 8
- 3
DZ23C3V9-V
V5
3.7
3.9
4.1
5
1
-
-
80 (< 95)
< 500
- 7
- 3
DZ23C4V3-V
V6
4
4.3
4.6
5
1
-
-
80 (< 95)
< 500
- 6
- 1
DZ23C4V7-V
V7
4.4
4.7
5
5
1
-
-
70 (< 78)
< 500
- 5
2
DZ23C5V1-V
V8
4.8
5.1
5.4
5
1
> 0.8
100
30 (< 60)
< 480
- 3
4
DZ23C5V6-V
V9
5.2
5.6
6
5
1
> 1
100
10 (< 40)
< 400
- 2
6
DZ23C6V2-V
V10
5.8
6.2
6.6
5
1
> 2
100
4.8 (< 10)
< 200
- 1
7
DZ23C6V8-V
V11
6.4
6.8
7.2
5
1
> 3
100
4.5 (< 8)
< 150
2
7
DZ23C7V5-V
V12
7
7.5
7.9
5
1
> 5
100
4 (< 7)
< 50
3
7
DZ23C8V2-V
V13
7.7
8.2
8.7
5
1
> 6
100
4.5 (< 7)
< 50
4
7
DZ23C9V1-V
V14
8.5
9.1
9.6
5
1
> 7
100
4.8 (< 10)
< 50
5
8
DZ23C10-V
V15
9.4
10
10.6
5
1
> 7.5
100
5.2 (< 15)
< 70
5
8
DZ23C11-V
V16
10.4
11
11.6
5
1
> 8.5
100
6 (< 20)
< 70
5
9
DZ23C12-V
V17
11.4
12
12.7
5
1
> 9
100
7 (< 20)
< 90
6
9
DZ23C13-V
V18
12.4
13
14.1
5
1
> 10
100
9 (< 25)
< 110
7
9
DZ23C15-V
V19
13.8
15
15.6
5
1
> 11
100
11 (< 30)
< 110
7
9
DZ23C16-V
V20
15.3
16
17.1
5
1
> 12
100
13 (< 40)
< 170
8
9.5
DZ23C18-V
V21
16.8
18
19.1
5
1
> 14
100
18 (< 50)
< 170
8
9.5
DZ23C20-V
V22
18.8
20
21.2
5
1
> 15
100
20 (< 50)
< 220
8
10
DZ23C22-V
V23
20.8
22
23.3
5
1
> 17
100
25 (< 55)
< 220
8
10
DZ23C24-V
V24
22.8
24
25.6
5
1
> 18
100
28 (< 80)
< 220
8
10
DZ23C27-V
V25
25.1
27
28.9
5
1
> 20
100
30 (< 80)
< 250
8
10
DZ23C30-V
V26
28
30
32
5
1
> 22.5
100
35 (< 80)
< 250
8
10
DZ23C33-V
V27
31
33
35
5
1
> 25
100
40 (< 80)
< 250
8
10
DZ23C36-V
V28
34
36
38
5
1
> 27
100
40 (< 90)
< 250
8
10
DZ23C39-V
V29
37
39
41
5
1
> 29
100
50 (< 90)
< 300
10
12
DZ23C43-V
V30
40
43
46
5
1
> 32
100
60 (< 100)
< 700
10
12
DZ23C47-V
V31
44
47
50
5
1
> 35
100
70 (< 100)
< 750
10
12
DZ23C51-V
V32
48
51
54
5
1
> 38
100
70 (< 100)
< 750
10
12


Similar Part No. - DZ23C16-V

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZ23C16-7-F DIODES-DZ23C16-7-F Datasheet
391Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
DZ23C16-7-F DIODES-DZ23C16-7-F Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
logo
Vishay Siliconix
DZ23C16-G VISHAY-DZ23C16-G Datasheet
124Kb / 7P
   Small Signal Zener Diodes, Dual
Rev. 1.1, 01-Mar-13
logo
Micro Commercial Compon...
DZ23C16-TP MCC-DZ23C16-TP Datasheet
131Kb / 4P
   300 mW Zener Diode 2.4 to 75 Volts
More results

Similar Description - DZ23C16-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AZ23C12-V-GS08 VISHAY-AZ23C12-V-GS08 Datasheet
122Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.3, 08-Feb-13
AZ23C4V7-V-GS08 VISHAY-AZ23C4V7-V-GS08 Datasheet
122Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.3, 08-Feb-13
MMBZ27VDA-G VISHAY-MMBZ27VDA-G Datasheet
91Kb / 4P
   Small Signal Zener Diodes, Dual
Rev. 1.0., 04-Mar-13
DZ23 VISHAY-DZ23 Datasheet
120Kb / 7P
   Small Signal Zener Diodes, Dual
Rev. 2.0, 08-Nov-16
MMBZ15VDC VISHAY-MMBZ15VDC Datasheet
74Kb / 4P
   Small Signal Zener Diodes, Dual
Rev. 1.4, 08-Jul-04
AZ23 VISHAY-AZ23_V01 Datasheet
135Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
AZ23-G VISHAY-AZ23-G_V01 Datasheet
122Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
AZ23C5V6-V-GS08 VISHAY-AZ23C5V6-V-GS08 Datasheet
112Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.7, 22-Nov-11
DZ23-G VISHAY-DZ23-G_V01 Datasheet
132Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
AZ23-G VISHAY-AZ23-G Datasheet
132Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.4, 04-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com