Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VESD03A1C-HD1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VESD03A1C-HD1
Description  ESD-Protection Diode in LLP1006-2L
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VESD03A1C-HD1 Datasheet(HTML) 4 Page - Vishay Siliconix

  VESD03A1C-HD1 Datasheet HTML 1Page - Vishay Siliconix VESD03A1C-HD1 Datasheet HTML 2Page - Vishay Siliconix VESD03A1C-HD1 Datasheet HTML 3Page - Vishay Siliconix VESD03A1C-HD1 Datasheet HTML 4Page - Vishay Siliconix VESD03A1C-HD1 Datasheet HTML 5Page - Vishay Siliconix VESD03A1C-HD1 Datasheet HTML 6Page - Vishay Siliconix VESD03A1C-HD1 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number 81797
Rev. 1.2, 02-Sep-08
VESD03A1C-HD1
Vishay Semiconductors
For technical support, please contact: ESD-Protection@vishay.com
Figure 7. Typical Clamping Performance at + 8 kV
Contact Discharge (acc. IEC 61000-4-2)
Figure 8. Typical Clamping Performance at - 8 kV
Contact Discharge (acc. IEC 61000-4-2)
Figure 9. Typical Peak Clamping Voltage at ESD
Contact Discharge (acc. IEC 61000-4-2)
- 40
- 30
- 20
- 10
0
10
20
30
40
50
60
- 10 0
10 20 30 40 50 60 70 8090
acc. IEC 61000-4-2
+ 8 kV
contact discharge
20700
t (ns)
- 50
- 40
- 30
- 20
- 10
0
10
20
30
40
- 10 0
10 20 30 40 50 60 70 8090
20701
t (ns)
acc. IEC 61000-4-2
- 8 kV
contact discharge
- 200
- 150
- 100
- 50
0
50
100
150
200
0
5
10
15
20
25
30
35
V
C-ESD
acc. IEC 61000-4-2
contact discharge
positive discharge
negative discharge
20702
V
ESD (kV)


Similar Part No. - VESD03A1C-HD1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD03A1C-HD1 VISHAY-VESD03A1C-HD1 Datasheet
138Kb / 6P
   ESD Protection Diode in LLP1006-2L
Rev. 1.9, 03-Jan-2019
VESD03A1C-HD1 VISHAY-VESD03A1C-HD1 Datasheet
139Kb / 6P
   ESD Protection Diode in LLP1006-2L
01-Jan-2022
VESD03A1C-HD1 VISHAY-VESD03A1C-HD1_V01 Datasheet
139Kb / 6P
   ESD Protection Diode in LLP1006-2L
01-Jan-2022
More results

Similar Description - VESD03A1C-HD1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD15A1-HD1 VISHAY-VESD15A1-HD1 Datasheet
130Kb / 6P
   ESD Protection Diode in LLP1006-2L
Rev. 1.5, 16-May-17
VESD03A1C-HD1 VISHAY-VESD03A1C-HD1_V01 Datasheet
139Kb / 6P
   ESD Protection Diode in LLP1006-2L
01-Jan-2022
VESD12A1C-HD1 VISHAY-VESD12A1C-HD1_V01 Datasheet
135Kb / 6P
   ESD Protection Diode in LLP1006-2L
01-Jan-2022
VESD05A1-HD1 VISHAY-VESD05A1-HD1 Datasheet
130Kb / 6P
   ESD Protection Diode in LLP1006-2L
Rev. 2.0, 03-Jan-2019
VESD03A1-HD1 VISHAY-VESD03A1-HD1 Datasheet
138Kb / 6P
   ESD Protection Diode in LLP1006-2L
Rev. 1.9, 03-Jan-2019
VESD05A1A-HD1 VISHAY-VESD05A1A-HD1_V01 Datasheet
130Kb / 6P
   ESD Protection Diode in LLP1006-2L
01-Jan-2022
VESD03A1B-HD1 VISHAY-VESD03A1B-HD1 Datasheet
135Kb / 6P
   ESD Protection Diode in LLP1006-2L
01-Jan-2022
VESD05A1B-HD1 VISHAY-VESD05A1B-HD1_V01 Datasheet
121Kb / 6P
   ESD Protection Diode in LLP1006-2L
01-Jan-2022
VESD12A1C-HD1 VISHAY-VESD12A1C-HD1 Datasheet
125Kb / 7P
   ESD-Protection Diode in LLP1006-2L
Rev. 1.2, 02-Sep-08
VESD05A1B-HD1 VISHAY-VESD05A1B-HD1 Datasheet
99Kb / 6P
   ESD-Protection Diode in LLP1006-2L
Rev. 1.4, 26-Oct-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com