Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML4748 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SML4748
Description  Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SML4748 Datasheet(HTML) 3 Page - Vishay Siliconix

  SML4748 Datasheet HTML 1Page - Vishay Siliconix SML4748 Datasheet HTML 2Page - Vishay Siliconix SML4748 Datasheet HTML 3Page - Vishay Siliconix SML4748 Datasheet HTML 4Page - Vishay Siliconix SML4748 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SML4728 to SML4764A
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 29-Nov-11
3
Document Number: 85782
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Maximum Continuous Power Dissipation
Fig. 2 - Typical Zener Impedance
Fig. 3 - Typical Temperature Coefficients
Fig. 4 - Typical Instantaneous Forward Characteristics
for SML4763
Fig. 5 - Typical Reverse Characteristics
25
50
75
100
125
150
175
0
0.25
0.5
0.75
1.0
Terminals Temperature (
°C)
60 Hz
Resistiveor
Inductive Load
P.C.B. Mounted on
0.31 x 0.31 x 0.08" (8 x 8 x 2mm)
copper areas pads
17923
0.5
10
100
500
1
10
100
1,000
IZT, Zener Test Current (mA)
TJ =25°C
VZ =91V
VZ =56V
VZ =30V
VZ = 6.2V
17925
0
10 20 30
40
50 60 70
80 90 100
0
10
30
50
70
90
110
VZ, Zener Voltage (V)
Tested at rated IZT
17927
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
InstantaneousForward Voltage (V)
Pulse width = 300µs
1% Duty Cycle
TJ =25°C
17924
0
20
40
60
80
100
0.01
0.1
1
10
Percent of Rated Zener Voltage (%)
TJ =25°C
TJ =100°C
17926


Similar Part No. - SML4748

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SML4748 GE-SML4748 Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
logo
Shenzhen Luguang Electr...
SML4748 LUGUANG-SML4748 Datasheet
1Mb / 3P
   1.0W Zener Diodes
logo
Vishay Siliconix
SML4748 VISHAY-SML4748 Datasheet
135Kb / 5P
   Surface Mount Zener Diodes
Rev. 1.5, 03-Mar-04
logo
Shanghai Leiditech Elec...
SML4748 LEIDITECH-SML4748 Datasheet
506Kb / 4P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
logo
EIC discrete Semiconduc...
SML4748 EIC-SML4748 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - SML4748

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com