Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54C Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # BAT54C
Description  SCHOTTKY BARRIER DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

BAT54C Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  BAT54C Datasheet HTML 1Page - Tiger Electronic Co.,Ltd BAT54C Datasheet HTML 2Page - Tiger Electronic Co.,Ltd BAT54C Datasheet HTML 3Page - Tiger Electronic Co.,Ltd BAT54C Datasheet HTML 4Page - Tiger Electronic Co.,Ltd BAT54C Datasheet HTML 5Page - Tiger Electronic Co.,Ltd BAT54C Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
外型尺寸及内部结构图
OUTSIDE DEMENSION AND INTERNAL CONFIGURATION (SOT-23)
Dimensions in
Millimeters
管脚
PIN
Symbol
Min
Nominal
Max
内部
结构
STYLS
1 脚
2 脚
3 脚
A1
0.900
0.970
1.000
A2
0.350
0.380
0.410
6
基极
BASE
发射极
EMITTER
集电极
COLLCTOR
B
2.800
2.900
3.000
C
0.085
0.100
0.150
8
阳极
ANODE
不连接
NO-
CONNECTION
阴极
CATHODE
D
1.800
1.900
2.000
E1
2.200
2.400
2.600
9
阳极
ANODE
阳极
ANODE
阴极
CATHODE
E2
1.200
1.300
1.400
H
0.300
0.400
0.500
11
阳极
ANODE
阴极
CATHODE
阳极
-阴极
ANODE-CATHODE
L1
0.000
0.100
L2
0.200
12
阴极
CATHODE
阴极
CATHODE
阳极
ANODE
L3
0.030
0.080
0.130
R
0.080TYP
18
不连接
NO-
CONNECTION
阴极
CATHODE
阳极
ANODE
19
阴极
CATHODE
阳极
ANODE
阴极
-阳极
CATHODE-ANODE


Similar Part No. - BAT54C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BAT54C EIC-BAT54C Datasheet
111Kb / 2P
   SMALL SIGNAL SCHOTTKY DIODE, SINGLE & DUAL
logo
Pan Jit International I...
BAT54C PANJIT-BAT54C Datasheet
112Kb / 3P
   SURFACT MOUNT SCHOTTKY BARRIER
logo
Chip Integration Techno...
BAT54C CITC-BAT54C Datasheet
158Kb / 3P
   200mA Surface Mount Small Signal Diodes
logo
Diodes Incorporated
BAT54C DIODES-BAT54C Datasheet
113Kb / 2P
   SOT23 SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
logo
Formosa MS
BAT54C FORMOSA-BAT54C Datasheet
86Kb / 2P
   Surface Mount Schottky Diode - Silicon epitaxial planar type
More results

Similar Description - BAT54C

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com