Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA06-600TW Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # BTA06-600TW
Description  6A TRIACS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

BTA06-600TW Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  BTA06-600TW Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BTA06-600TW
GENERAL DESCRIPTION
6A TRIACS
Available either in through-hole or surface-mount packages, the BTA06 - 600TW triac series is
suitable for general purpose AC switching. They can be used as an ON/OFF function in applications
such as static relays, heating regulation, induction motor starting circuits... or for phase control
operation in light dimmers, motor speed controllers, ...
The snubberless versions (BTA...W series) are specially recommended for use on
inductive loads, thanks to their high commutation performances. By using an internal ceramic pad,
the BTA series provides voltage insulated tab (rated at 2500V RMS) complying with UL standards.
Product specification
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
( Ta = 25 C)
O
( Ta = 25 C)
O
A1 A2 G
TO-220AB
PARAMETER
Symbol
Value
Unit
Repetitive peak off-state voltages
V
DRM
600
V
peak off-state reverse voltages
V
RRM
600
V
RMS on-state current
I
T
6.0
A
Non-repetitive peak on-state current
I
TSM
63
A
Max. Operating Junction Temperature
T
j
110
oC
Storage Temperature
T
stg
-45~150
oC
PARAMETER
Symbol
Test Conditions
Min.
Max
Unit
Repetitive peak off-state
voltages
V
DRM
I
D=0.1mA
600
V
Repetitive peak off-state
current
I
DRM
V
DRM=520V
10
uA
On-state voltage
V
TM
I
T=5.5A
1.55
V
Holding current
I
H
I
T=0.5A,IGT=20mA
10.0
mA
Gate trigger
Current
T2+G+
I
GT
V
AK=12V,RL=30Ω
5.0
mA
T2+G-
5.0
T2-G-
5.0
T2-G+
10.0
Gate trigger
Voltage
T2+G+
V
GT
V
D=12V,RL=30Ω
1.3
V
T2+G-
1.3
T2-G-
1.3
T2-G+
1.3
TIGER ELECTRONIC CO.,LTD


Similar Part No. - BTA06-600TW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA06-600TW STMICROELECTRONICS-BTA06-600TW Datasheet
65Kb / 6P
   SNUBBERLESS?? LOGIC LEVEL & STANDARD
logo
Inchange Semiconductor ...
BTA06-600TW ISC-BTA06-600TW Datasheet
249Kb / 2P
   isc Triacs
logo
STMicroelectronics
BTA06-600TWRG STMICROELECTRONICS-BTA06-600TWRG Datasheet
65Kb / 6P
   SNUBBERLESS?? LOGIC LEVEL & STANDARD
BTA06-600TWRG STMICROELECTRONICS-BTA06-600TWRG Datasheet
76Kb / 7P
   6A TRIACS
More results

Similar Description - BTA06-600TW

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTB06-700B KERSEMI-BTB06-700B Datasheet
1Mb / 5P
   6A TRIACS
BTB06-600SW KERSEMI-BTB06-600SW Datasheet
1Mb / 5P
   6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06_15 Datasheet
164Kb / 3P
   6A TRIACS
logo
Tiger Electronic Co.,Lt...
T610-600B-TR TGS-T610-600B-TR Datasheet
138Kb / 1P
   6A TRIACS
BTA06-800C TGS-BTA06-800C Datasheet
66Kb / 1P
   6A TRIACS
BTA06-600BF TGS-BTA06-600BF Datasheet
62Kb / 1P
   6A TRIACS
T610-600G-TR TGS-T610-600G-TR Datasheet
169Kb / 1P
   6A TRIACS
logo
Unisonic Technologies
BTB06A UTC-BTB06A Datasheet
162Kb / 4P
   6A TRIACS
BTA06 UTC-BTA06 Datasheet
164Kb / 3P
   6A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA06-800B TGS-BTA06-800B Datasheet
217Kb / 1P
   6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06 Datasheet
164Kb / 3P
   6A TRIACS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com