Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52CPQ030PBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 52CPQ030PBF
Description  Schottky Rectifier, 2 x 25 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

52CPQ030PBF Datasheet(HTML) 2 Page - Vishay Siliconix

  52CPQ030PBF Datasheet HTML 1Page - Vishay Siliconix 52CPQ030PBF Datasheet HTML 2Page - Vishay Siliconix 52CPQ030PBF Datasheet HTML 3Page - Vishay Siliconix 52CPQ030PBF Datasheet HTML 4Page - Vishay Siliconix 52CPQ030PBF Datasheet HTML 5Page - Vishay Siliconix 52CPQ030PBF Datasheet HTML 6Page - Vishay Siliconix 52CPQ030PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VS-52CPQ030PbF, VS-52CPQ030-N3
www.vishay.com
Vishay Semiconductors
Revision: 31-Aug-11
2
Document Number: 94237
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop per leg
See fig. 1
VFM (1)
25 A
TJ = 25 °C
0.48
V
50 A
0.55
25 A
TJ = 125 °C
0.38
50 A
0.49
Maximum reverse leakage current per leg
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
1.9
mA
TJ = 125 °C
450
Threshold voltage
VF(TO)
TJ = TJ maximum
0.24
V
Forward slope resistance
rt
5.05
m
Maximum junction capacitance per leg
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
4600
pF
Typical series inductance per leg
LS
Measured lead to lead 5 mm from package body
7.5
nH
Maximum voltage rate of change
dV/dt
Rated VR
10000
V/µs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 55 to 150
°C
Maximum thermal resistance,
junction to case per leg
RthJC
DC operation
See fig. 4
0.8
°C/W
Maximum thermal resistance,
junction to case per package
DC operation
0.4
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.25
Approximate weight
6g
0.21
oz.
Mounting torque
minimum
6 (5)
kgf · cm
(lbf · in)
maximum
12 (10)
Marking device
Case style TO-247AC (JEDEC)
52CPQ030


Similar Part No. - 52CPQ030PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
52CPQ030PBF IRF-52CPQ030PBF Datasheet
199Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
52CPQ030PBF VISHAY-52CPQ030PBF Datasheet
132Kb / 6P
   Schottky Rectifier, 2 x 25 A
Revision: 13-Aug-08
More results

Similar Description - 52CPQ030PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
52CPQ030 VISHAY-52CPQ030 Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 25 A
Revision: 21-Aug-08
52CPQ030PBF VISHAY-52CPQ030PBF Datasheet
132Kb / 6P
   Schottky Rectifier, 2 x 25 A
Revision: 13-Aug-08
VS-52CPQ030-N3 VISHAY-VS-52CPQ030-N3_V01 Datasheet
161Kb / 7P
   High Performance Schottky Rectifier, 2 x 25 A
01-Jan-2022
80CPQ150PBF VISHAY-80CPQ150PBF Datasheet
155Kb / 7P
   Schottky Rectifier, 2 x 40 A
Revision: 13-Aug-08
25CTQ035SPBF VISHAY-25CTQ035SPBF_10 Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 12-Mar-10
30L30CT-1PBF VISHAY-30L30CT-1PBF_10 Datasheet
127Kb / 7P
   Schottky Rectifier, 2 x 15 A
Revision: 05-Oct-10
12CWQ04FNPBF VISHAY-12CWQ04FNPBF Datasheet
141Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
6CWQ06FNPBF VISHAY-6CWQ06FNPBF Datasheet
110Kb / 6P
   Schottky Rectifier, 2 x 3.5 A
Revision: 13-Aug-08
12CTQ VISHAY-12CTQ Datasheet
120Kb / 6P
   Schottky Rectifier, 2 x 6 A
Revision: 06-Oct-08
20CTQ150PBF VISHAY-20CTQ150PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 13-Aug-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com