Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52CPQ030PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 52CPQ030PBF
Description  Schottky Rectifier, 2 x 25 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

52CPQ030PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  52CPQ030PBF Datasheet HTML 1Page - Vishay Siliconix 52CPQ030PBF Datasheet HTML 2Page - Vishay Siliconix 52CPQ030PBF Datasheet HTML 3Page - Vishay Siliconix 52CPQ030PBF Datasheet HTML 4Page - Vishay Siliconix 52CPQ030PBF Datasheet HTML 5Page - Vishay Siliconix 52CPQ030PBF Datasheet HTML 6Page - Vishay Siliconix 52CPQ030PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VS-52CPQ030PbF, VS-52CPQ030-N3
www.vishay.com
Vishay Semiconductors
Revision: 31-Aug-11
4
Document Number: 94237
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current (Per Leg)
Fig. 6 - Forward Power Loss Characteristics
(Per Leg)
Fig. 7 - Maximum Non-Repetitive Surge Current
(Per Leg)
Fig. 8 - Unclamped Inductive Test Circuit
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
100
110
120
130
140
150
IF(AV) - Average Forward Current (A)
10
5
15
20
40
35
30
25
0
DC
See note (1)
Square wave (D = 0.50)
80 % rated V
R applied
0
5
10
15
IF(AV) - Average Forward Current (A)
10
515
20
40
25
30
35
0
DC
RMS Limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
100
10 000
1000
tp - Square Wave Pulse Duration (µs)
100
1000
10 000
10
At any rated load condition
and with rated V
RRM applied
following surge
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02


Similar Part No. - 52CPQ030PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
52CPQ030PBF IRF-52CPQ030PBF Datasheet
199Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
52CPQ030PBF VISHAY-52CPQ030PBF Datasheet
132Kb / 6P
   Schottky Rectifier, 2 x 25 A
Revision: 13-Aug-08
More results

Similar Description - 52CPQ030PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
52CPQ030 VISHAY-52CPQ030 Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 25 A
Revision: 21-Aug-08
52CPQ030PBF VISHAY-52CPQ030PBF Datasheet
132Kb / 6P
   Schottky Rectifier, 2 x 25 A
Revision: 13-Aug-08
VS-52CPQ030-N3 VISHAY-VS-52CPQ030-N3_V01 Datasheet
161Kb / 7P
   High Performance Schottky Rectifier, 2 x 25 A
01-Jan-2022
80CPQ150PBF VISHAY-80CPQ150PBF Datasheet
155Kb / 7P
   Schottky Rectifier, 2 x 40 A
Revision: 13-Aug-08
25CTQ035SPBF VISHAY-25CTQ035SPBF_10 Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 12-Mar-10
30L30CT-1PBF VISHAY-30L30CT-1PBF_10 Datasheet
127Kb / 7P
   Schottky Rectifier, 2 x 15 A
Revision: 05-Oct-10
12CWQ04FNPBF VISHAY-12CWQ04FNPBF Datasheet
141Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
6CWQ06FNPBF VISHAY-6CWQ06FNPBF Datasheet
110Kb / 6P
   Schottky Rectifier, 2 x 3.5 A
Revision: 13-Aug-08
12CTQ VISHAY-12CTQ Datasheet
120Kb / 6P
   Schottky Rectifier, 2 x 6 A
Revision: 06-Oct-08
20CTQ150PBF VISHAY-20CTQ150PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 13-Aug-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com