Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63CPQ100G-N3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 63CPQ100G-N3
Description  Schottky Rectifier, 2 x 30 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

63CPQ100G-N3 Datasheet(HTML) 1 Page - Vishay Siliconix

  63CPQ100G-N3 Datasheet HTML 1Page - Vishay Siliconix 63CPQ100G-N3 Datasheet HTML 2Page - Vishay Siliconix 63CPQ100G-N3 Datasheet HTML 3Page - Vishay Siliconix 63CPQ100G-N3 Datasheet HTML 4Page - Vishay Siliconix 63CPQ100G-N3 Datasheet HTML 5Page - Vishay Siliconix 63CPQ100G-N3 Datasheet HTML 6Page - Vishay Siliconix 63CPQ100G-N3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VS-63CPQ100GPbF, VS-63CPQ100G-N3
www.vishay.com
Vishay Semiconductors
Revision: 31-Aug-11
1
Document Number: 94243
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Schottky Rectifier, 2 x 30 A
FEATURES
• 175 °C TJ operation
• Low forward voltage drop
• High frequency operation
• High
purity,
high
temperature
epoxy
encapsulation
for
enhanced
mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and long
term reliability
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified according to JEDEC-JESD47
• Halogen-free according to IEC 61249-2-21 definition
(-N3 only)
DESCRIPTION
The VS-63CPQ100G... center tap Schottky rectifier series
has been optimized for low reverse leakage at high
temperature. The proprietary barrier technology allows for
reliable operation up to 175 °C junction temperature. Typical
applications are in switching power supplies, converters,
freewheeling diodes, and reverse battery protection.
PRODUCT SUMMARY
Package
TO-247AC
IF(AV)
2 x 30 A
VR
100 V
VF at IF
0.64 V
IRM max.
25 mA at 125 °C
TJ max.
175 °C
Diode variation
Common cathode
EAS
15 mJ
Base
common
cathode
Common
cathode
2
2
13
Anode
1
Anode
2
TO-247AC
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
60
A
VRRM
100
V
IFSM
tp = 5 μs sine
2200
A
VF
30 Apk, TJ = 125 °C (per leg)
0.64
V
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-63CPQ100PbF
VS-63CPQ100-N3
UNITS
Maximum DC reverse voltage
VR
100
100
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
See fig. 5
per leg
IF(AV)
50 % duty cycle at TC = 153 °C, rectangular waveform
30
A
per device
60
Maximum peak one cycle non-repetitive
surge current per leg
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated
load condition and with
rated VRRM applied
2200
10 ms sine or 6 ms rect. pulse
410
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 1 A, L = 30 mH
15
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
1A


Similar Part No. - 63CPQ100G-N3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
63CPQ100G VISHAY-63CPQ100G Datasheet
112Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
63CPQ100GPBF VISHAY-63CPQ100GPBF Datasheet
115Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
More results

Similar Description - 63CPQ100G-N3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60CPQ150PBF VISHAY-60CPQ150PBF Datasheet
111Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
61CTQ035PBF VISHAY-61CTQ035PBF Datasheet
109Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
63CPQ100GPBF VISHAY-63CPQ100GPBF Datasheet
115Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
63CPQ100G VISHAY-63CPQ100G Datasheet
112Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
63CTQ100G VISHAY-63CTQ100G Datasheet
110Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
60CPQ150PBF VISHAY-60CPQ150PBF_12 Datasheet
171Kb / 7P
   Schottky Rectifier, 2 x 30 A
Revision: 31-Aug-11
63CTQ100PBF VISHAY-63CTQ100PBF_12 Datasheet
163Kb / 7P
   Schottky Rectifier, 2 x 30 A
Revision: 29-Aug-11
VS-63CPQ100PBF VISHAY-VS-63CPQ100PBF_V01 Datasheet
143Kb / 7P
   Schottky Rectifier, 2 x 30 A
08-Feb-17
VS-60CTQ150PBF VISHAY-VS-60CTQ150PBF_V01 Datasheet
137Kb / 7P
   Schottky Rectifier, 2 x 30 A
08-Feb-17
VS-61CTQPBF VISHAY-VS-61CTQPBF_V01 Datasheet
129Kb / 7P
   Schottky Rectifier, 2 x 30 A
08-Feb-17
60CTQ150 VISHAY-60CTQ150 Datasheet
110Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com