Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SCR544R Datasheet(PDF) 3 Page - Rohm

Part # 2SCR544R
Description  Midium Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR544R Datasheet(HTML) 3 Page - Rohm

  2SCR544R_11 Datasheet HTML 1Page - Rohm 2SCR544R_11 Datasheet HTML 2Page - Rohm 2SCR544R_11 Datasheet HTML 3Page - Rohm 2SCR544R_11 Datasheet HTML 4Page - Rohm 2SCR544R_11 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2010.02 - Rev.A
Data Sheet
2SCR544R
Electrical characteristics curves
COLLECTOR - BASE VOLTAGE : VCB [V]
EMITTER - BASE VOLTAGE : VEB [V]
Fig.7 Emitter Input Capacitance vs.
Emitter-Base Voltage
Collector Output Capacitance vs.
Collector-Base Voltage
COLLECTOR CURRENT : IC[mA]
COLLECTOR CURRENT : IC[mA]
EMITTER CURRENT : IE[mA]
COLECTOR TO EMITTER VOLTAGE : VCE[V]
Fig.6 Ground Emitter Propagation
Characteristics
Fig.1 Typical Output Characteristics
COLLECTOR CURRENT : IC[mA]
COLLECTOR CURRENT : IC[mA]
Fig.8 Gain Bandwidth Product vs.
Emitter Current
BASE TO EMITTER VOLTAGE : VBE[V]
1
10
100
1000
10000
0
0.5
1
1.5
1
10
100
1000
0.1
1
10
100
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
1000
10
100
1000
1
10000
1000
100
10
1
10000
1000
100
10
1
10000
1000
100
10
1
10000
1000
100
10
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
0.5
1
1.5
2
10
100
1000
10
100
1000
Cob
Cib
2.5mA
2.0mA
1.5mA
1.0mA
0.5mA
5mA
Ta=25°C
3mA
Ta=125°C
75°C
25°C
-40°C
Ta=25°C
f=1MHz
IE=0A
IC=0A
IC/IB=20
Ta=125°C
75°C
25°C
-40°C
Ta=25°C
IC/IB=50
20
10
VCE = 3V
VCE = 3V
Ta=125°C
75°C
25°C
-40°C
Ta=25°C
VCE = 5V
3V
Ta=25°C
VCE=10V


Similar Part No. - 2SCR544R_11

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR544R ROHM-2SCR544R_10 Datasheet
230Kb / 5P
   Midium Power Transistors (80V / 2.5A)
More results

Similar Description - 2SCR544R_11

ManufacturerPart #DatasheetDescription
logo
Rohm
MP6Z12 ROHM-MP6Z12 Datasheet
496Kb / 8P
   Midium Power Transistors
MP6Z13 ROHM-MP6Z13 Datasheet
1Mb / 8P
   Midium Power Transistors
2SCR553P5 ROHM-2SCR553P5 Datasheet
1Mb / 9P
   Midium Power Transistors (50V / 2A)
2SAR544P ROHM-2SAR544P_09 Datasheet
243Kb / 5P
   Midium Power Transistors (-80V / -2.5A)
2SAR533P ROHM-2SAR533P_09 Datasheet
234Kb / 5P
   Midium Power Transistors (-50V / -3A)
2SCR542P ROHM-2SCR542P_09 Datasheet
243Kb / 5P
   Midium Power Transistors (30V / 5A)
MP6Z11 ROHM-MP6Z11 Datasheet
1Mb / 8P
   Midium Power Transistors (짹30V / 짹1A)
QS5Y2 ROHM-QS5Y2 Datasheet
499Kb / 8P
   Midium Power Transistors (50V / 3A)
2SAR543D ROHM-2SAR543D Datasheet
524Kb / 6P
   Midium Power Transistors (-50V/-4A)
2SCR293P ROHM-2SCR293P Datasheet
486Kb / 6P
   Midium Power Transistors (30V / 1A)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com