Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2241G Datasheet(PDF) 4 Page - Rohm

Part # BD2241G
Description  1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2241G Datasheet(HTML) 4 Page - Rohm

  BD2241G Datasheet HTML 1Page - Rohm BD2241G Datasheet HTML 2Page - Rohm BD2241G Datasheet HTML 3Page - Rohm BD2241G Datasheet HTML 4Page - Rohm BD2241G Datasheet HTML 5Page - Rohm BD2241G Datasheet HTML 6Page - Rohm BD2241G Datasheet HTML 7Page - Rohm BD2241G Datasheet HTML 8Page - Rohm BD2241G Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Technical Note
4/12
BD2240G, BD2241G
www.rohm.com
2011.05 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
Reference Data
0
20
40
60
80
100
120
140
23
45
6
SUPPLY VOLTAGE : VIN[V]
0
20
40
60
80
100
120
140
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
0.0
0.2
0.4
0.6
0.8
1.0
23
45
6
SUPPLY VOLTAGE : VIN[V]
Fig.4 Operating current
EN,/EN enable
Fig.5 Operating current
EN,/EN enable
Fig.6 Standby current
EN,/EN disable
0.0
0.5
1.0
1.5
2.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
0.0
0.5
1.0
1.5
2.0
23
4
5
6
SUPPLY VOLTAGE : VIN[V]
0.0
0.2
0.4
0.6
0.8
1.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
Fig.7 Standby current
EN,/EN disable
Fig.8 EN,/EN input voltage
Fig.9 EN,/EN input voltage
0
20
40
60
80
100
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
0
20
40
60
80
100
23
4
5
6
SUPPLY VOLTAGE : VIN[V]
Fig.13 Over-current threshold
Fig.14 /OC output low voltage
Fig.15 /OC output low voltage
Fig.10 On-resistance
Fig.11 On-resistance
Fig.12 Over-current threshold
0.7
0.8
0.9
1.0
1.1
1.2
1.3
23
4
56
SUPPLY VOLTAGE : VIN[V]
0
50
100
150
200
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
0
50
100
150
200
2
3
456
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
VIN=5.0V
Ta=25°C
VIN=5.0V
Ta=25°C
VIN=5.0V
Low to High
High to Low
Low to High
High to Low
VIN=5.0V
Ta=25°C
VIN=5.0V
Ta=25°C
VIN=5.0V
Ta=25°C


Similar Part No. - BD2241G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2241G-GTR ROHM-BD2241G-GTR Datasheet
1,006Kb / 27P
   1.0A Current Limit High Side Switch ICs
More results

Similar Description - BD2241G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2246G ROHM-BD2246G Datasheet
299Kb / 14P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G-LB ROHM-BD2224G-LB Datasheet
609Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G ROHM-BD2224G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com